Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3913 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # LP3913
Description  Power Management IC for Flash Memory-Based Portable Media Players
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3913 Datasheet(HTML) 43 Page - Texas Instruments

Back Button LP3913 Datasheet HTML 39Page - Texas Instruments LP3913 Datasheet HTML 40Page - Texas Instruments LP3913 Datasheet HTML 41Page - Texas Instruments LP3913 Datasheet HTML 42Page - Texas Instruments LP3913 Datasheet HTML 43Page - Texas Instruments LP3913 Datasheet HTML 44Page - Texas Instruments LP3913 Datasheet HTML 45Page - Texas Instruments LP3913 Datasheet HTML 46Page - Texas Instruments LP3913 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
To ADC
core
Icharge
Scaler
Vbatt
Scaler
MUX_CONTROL
VBATT
2
ISET
ADC1
ADC2
ADC
MUX
Current range 0 / 1
Voltage range 0 / 1
Isense
Rsense
VDD
Vbatt
ADC
1:4343
Charge
control Loop
LP3913
www.ti.com
SNVS489I – NOVEMBER 2006 – REVISED SEPTEMBER 2013
Battery Voltage Measurement
The battery voltage scalar transforms the battery voltage ranging from 2.6V–3.5V to the reference voltage
interval: [VREFH, 2*VREFH]. A wider voltage range (2.6V–4.4V) can be selected through I
2C by setting the voltage
range bit D7 in register 0xA to 0’b1.
Battery Charge Current Measurement
The battery charge current is indirectly measured by measuring the voltage across the ISENSE resistor. A fixed
portion of the battery charge current is mirrored over the ISENSE resistor and hence:
VISENSE = K * ICHARGE
(1)
where K is a ratio between the RSENSE current and the charge current.
The battery charge current scalar transforms the voltage across the external ISENSE resistor to the [VREFH,
2*VREFH] input voltage interval of the A/D converter.
External General Purpose Sources
Two additional A/D converter sources are available on the ADC1 and ADC2 pins of the LP3913. These two
external A/D converter sources are not internally scaled and have an input voltage range of [VREFH, 2*VREFH]. The
system designer can use these two sources for general purpose applications such as resistive keyboard matrix
scanning, temperature measurements, battery load current, battery ID resistor measurement, etc.
Figure 65. ADC Analog Front End Block Diagram
The source selection and the access to the conversion results are established through the I2C linked control
registers: ADCC and ADCD as described below:
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
43
Product Folder Links: LP3913



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com