Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38852-ADJ Datasheet(PDF) 29 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP38852-ADJ Datasheet HTML 25Page - Texas Instruments LP38852-ADJ Datasheet HTML 26Page - Texas Instruments LP38852-ADJ Datasheet HTML 27Page - Texas Instruments LP38852-ADJ Datasheet HTML 28Page - Texas Instruments LP38852-ADJ Datasheet HTML 29Page - Texas Instruments LP38852-ADJ Datasheet HTML 30Page - Texas Instruments LP38852-ADJ Datasheet HTML 31Page - Texas Instruments LP38852-ADJ Datasheet HTML 32Page - Texas Instruments LP38852-ADJ Datasheet HTML 33Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
6.2
5.8
1.7 MAX
6X 1.27
8X 0.51
0.31
2X
3.81
TYP
0.25
0.10
0 - 8
0.15
0.00
2.34
2.24
2.34
2.24
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
5.0
4.8
B
4.0
3.8
4218825/A 05/2016
PowerPAD SOIC - 1.7 mm max height
DDA0008A
PLASTIC SMALL OUTLINE
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.25 mm per side.
5. Reference JEDEC registration MS-012.
PowerPAD is a trademark of Texas Instruments.
TM
1
8
0.25
C A B
5
4
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 2.400
EXPOSED
THERMAL PAD
4
1
5
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com