Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38852-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LP38852-ADJ Datasheet HTML 1Page - Texas Instruments LP38852-ADJ Datasheet HTML 2Page - Texas Instruments LP38852-ADJ Datasheet HTML 3Page - Texas Instruments LP38852-ADJ Datasheet HTML 4Page - Texas Instruments LP38852-ADJ Datasheet HTML 5Page - Texas Instruments LP38852-ADJ Datasheet HTML 6Page - Texas Instruments LP38852-ADJ Datasheet HTML 7Page - Texas Instruments LP38852-ADJ Datasheet HTML 8Page - Texas Instruments LP38852-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DAP
Connect to GND
IN
EN
N/C
SS
5
6
7
8
OUT
ADJ
GND
BIAS
1
2
3
4
TAB
IS
GND
BIAS
OUT
GND
SS
1
2
3
4
5
IN
6
7
ADJ
EN
TAB
IS
GND
BIAS
OUT
GND
SS
1
2
3
4
5
IN
6
7
ADJ
EN
LP38852-ADJ
www.ti.com
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
5 Pin Configuration and Functions
KTW Package
NDZ Package
7-Pin DDPAK/TO-263
7-Pin TO-220
Top View
Top View
DDA Package
8-Pin SO PowerPAD
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
DDPAK/TO-263
TO-220
SO PowerPAD
ADJ
5
5
1
O
The feedback connection to set the output voltage
BIAS
7
7
3
I
The supply for the internal control and reference circuitry.
EN
2
2
6
I
Device enable, High = On, Low = Off.
GND
4
4
4
GND
Ground
IN
3
3
7
I
The unregulated voltage input
N/C
-
-
8
—
No internal connection
OUT
6
6
2
O
The regulated output voltage
Soft-start capacitor connection. Used to control the rise time
SS
1
1
5
O
of VOUT at turnon.
The KTW and NDZ TAB is a thermal and electrical
TAB
TAB
TAB
—
—
connection that is physically attached to the backside of the
die, and used as a thermal heat-sink connection.
The SO PowerPAD DAP is a thermal connection only that is
DAP
—
—
DAP
—
physically attached to the backside of the die, and used as a
thermal heat-sink connection.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP38852-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com