Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38852-ADJ Datasheet(PDF) 11 Page - Texas Instruments

Part # LP38852-ADJ
Description  1.5-A Fast-Response High-Accuracy Adjustable LDO Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38852-ADJ Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38852-ADJ Datasheet HTML 7Page - Texas Instruments LP38852-ADJ Datasheet HTML 8Page - Texas Instruments LP38852-ADJ Datasheet HTML 9Page - Texas Instruments LP38852-ADJ Datasheet HTML 10Page - Texas Instruments LP38852-ADJ Datasheet HTML 11Page - Texas Instruments LP38852-ADJ Datasheet HTML 12Page - Texas Instruments LP38852-ADJ Datasheet HTML 13Page - Texas Instruments LP38852-ADJ Datasheet HTML 14Page - Texas Instruments LP38852-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
GND
OUT
IN
BIAS
EN
Under-Voltage
Lock-Out
Thermal
Shut Down
1.2V
Enable
VREF
0.6V
ILIMIT
ADJ
rSS
rEN
SS
LP38852-ADJ
LP38852-ADJ
www.ti.com
SNVS482F – JANUARY 2007 – REVISED DECEMBER 2015
7 Detailed Description
7.1 Overview
The LP38852-ADJ is a high-current, low-dropout, fast-response linear regulator capable of sourcing 1.5-A load
with only 130-mV dropout. This device operates from two input voltages: VBIAS provides voltage to internal circuit,
while VIN is the input voltage supplying power to load. The use of an external bias rail allows the part to operate
from ultra-low VIN voltages. The fast transient response of this device makes it suitable for powering DSP,
microcontroller cores, and post-regulators.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Undervoltage Lockout (UVLO)
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the UVLO threshold of approximately 2.45 V.
As the bias voltage rises above the UVLO threshold the device control circuitry becomes active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the minimum operating rating value of 3 V the device
is functional, but the operating parameters are not within the specified limits.
7.3.2 Supply Sequencing
There is no requirement for the order that VIN or VBIAS are applied or removed.
One practical limitation is that the soft-start circuit starts charging soft-start timing capacitor (CSS) when both
VBIAS rises above the UVLO threshold and the EN pin is above the VEN(ON) threshold. If the application of VIN is
delayed beyond this point the benefits of soft start is compromised.
In any case, the output voltage cannot be ensured until both VIN and VBIAS are within the range of specified
operating values.
If used in a dual-supply system where the regulator output load is returned to a negative supply, the OUT pin
must be diode clamped to ground. A Schottky diode is recommended for this diode clamp.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38852-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com