Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L4CPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L4CPWR
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L4CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLC27L4CPWR Datasheet HTML 18Page - Texas Instruments TLC27L4CPWR Datasheet HTML 19Page - Texas Instruments TLC27L4CPWR Datasheet HTML 20Page - Texas Instruments TLC27L4CPWR Datasheet HTML 21Page - Texas Instruments TLC27L4CPWR Datasheet HTML 22Page - Texas Instruments TLC27L4CPWR Datasheet HTML 23Page - Texas Instruments TLC27L4CPWR Datasheet HTML 24Page - Texas Instruments TLC27L4CPWR Datasheet HTML 25Page - Texas Instruments TLC27L4CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 10
0
0
IOH – High-Level Output Current – mA
–10
5
–2
–4
–6
–8
1
2
3
4
VID = 100 mV
TA = 25°C
VDD = 5 V
VDD = 3 V
VDD = 4 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
Figure 11
0
0
IOH – High-Level Output Current – mA
–40
16
–10
–20
–30
2
4
6
8
10
12
14
TA = 25°C
VID = 100 mV
VDD = 16 V
VDD = 10 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
–35
–5
–15
– 25
Figure 12
0
VDD – Supply Voltage – V
16
2
46
8
10
12
14
14
12
10
8
6
4
2
16
0
VID = 100 mV
RL = 1 MΩ
TA = 25°C
HIGH-LEVEL OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
Figure 13
VDD – 1.7
VDD – 1.8
VDD – 1.9
VDD –2
VDD – 2.1
VDD – 2.2
VDD – 2.3
100
75
50
25
0
–25
–50
VDD – 1.6
125
TA – Free-Air Temperature – °C
VDD – 2.4
–75
IOH = – 5 mA
VID = 100 mV
VDD = 5 V
VDD = 10 V
HIGH-LEVEL OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com