Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L4CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L4CPWR
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L4CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC27L4CPWR Datasheet HTML 6Page - Texas Instruments TLC27L4CPWR Datasheet HTML 7Page - Texas Instruments TLC27L4CPWR Datasheet HTML 8Page - Texas Instruments TLC27L4CPWR Datasheet HTML 9Page - Texas Instruments TLC27L4CPWR Datasheet HTML 10Page - Texas Instruments TLC27L4CPWR Datasheet HTML 11Page - Texas Instruments TLC27L4CPWR Datasheet HTML 12Page - Texas Instruments TLC27L4CPWR Datasheet HTML 13Page - Texas Instruments TLC27L4CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
TLC27L4M
TLC27L9M
UNIT
A
MIN
TYP
MAX
TLC27L4M
VO = 1.4 V,
VIC = 0,
25
°C
1.1
10
mV
VIO
Input offset voltage
TLC27L4M
O
,
RS = 50 Ω,
IC
,
RL = 1 MΩ
Full range
12
mV
VIO
Input offset voltage
TLC27L9M
VO = 1.4 V,
VIC = 0,
25
°C
200
900
µV
TLC27L9M
O
,
RS = 50 Ω,
IC
,
RL = 1 MΩ
Full range
3750
µV
αVIO
Average temperature coefficient of input
offset voltage
25
°C to
125
°C
1.4
µV/°C
IIO
Input offset current (see Note 4)
VO =2 5V
VIC =2 5V
25
°C
0.1
pA
IIO
Input offset current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
125
°C
1.4
15
nA
IIB
Input bias current (see Note 4)
VO =2 5V
VIC =2 5V
25
°C
0.6
pA
IIB
Input bias current (see Note 4)
VO = 2.5 V,
VIC = 2.5 V
125
°C
9
35
nA
VICR
Common-mode input voltage range
25
°C
– 0.2
to
4
– 0.3
to
4.2
V
VICR
gg
(see Note 5)
Full range
– 0.2
to
3.5
V
25
°C
3.2
4.1
VOH
High-level output voltage
VID = 100 mV,
RL = 1 MΩ
–55
°C
3
4.1
V
125
°C
3
4.2
25
°C
0
50
VOL
Low-level output voltage
VID = –100 mV,
IOL = 0
–55
°C
0
50
mV
125
°C
0
50
L
i
l diff
ti l
lt
25
°C
50
480
AVD
Large-signal differential voltage
amplification
VO = 0.25 V to 2 V,
RL = 1 MΩ
–55
°C
25
950
V/mV
am lification
125
°C
25
200
25
°C
65
94
CMRR
Common-mode rejection ratio
VIC = VICRmin
–55
°C
60
95
dB
125
°C
60
85
S
l
lt
j
ti
ti
25
°C
70
97
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VDD = 5 V to 10 V,
VO = 1.4 V
–55
°C
60
97
dB
(
∆VDD/∆VIO)
125
°C
60
98
V2 5 V
V2 5 V
25
°C
39
68
IDD
Supply current (four amplifiers)
VO = 2.5 V,
No load
VIC = 2.5 V,
–55
°C
69
120
µA
No load
125
°C
27
48
† Full range is – 55
°C to 125°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com