Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L4CPWR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L4CPWR
Description  LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L4CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC27L4CPWR Datasheet HTML 11Page - Texas Instruments TLC27L4CPWR Datasheet HTML 12Page - Texas Instruments TLC27L4CPWR Datasheet HTML 13Page - Texas Instruments TLC27L4CPWR Datasheet HTML 14Page - Texas Instruments TLC27L4CPWR Datasheet HTML 15Page - Texas Instruments TLC27L4CPWR Datasheet HTML 16Page - Texas Instruments TLC27L4CPWR Datasheet HTML 17Page - Texas Instruments TLC27L4CPWR Datasheet HTML 18Page - Texas Instruments TLC27L4CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
TLC27L4, TLC27L4A, TLC27L4B, TLC27L4Y, TLC27L9
LinCMOS
™ PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS053C – OCTOBER 1987 – REVISED AUGUST 1994
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC27L4M
TLC27L9M
UNIT
A
MIN
TYP
MAX
25
°C
0.03
VIPP = 1 V
–55
°C
0.04
SR
Slew rate at unity gain
RL = 1 MΩ,
CL 20 pF
125
°C
0.02
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
25
°C
0.03
V/
µs
See Figure 1
VIPP = 2.5 V
–55
°C
0.04
125
°C
0.02
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
70
nV/
√Hz
VV
C20 F
25
°C
5
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =1MΩ
CL = 20 pF,
See Figure 1
–55
°C
8
kHz
RL = 1 MΩ,
See Figure 1
125
°C
3
V10
V
C20 F
25
°C
85
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
–55
°C
140
kHz
See Figure 3
125
°C
45
V10 mV
fB
25
°C
34
°
φm
Phase margin
VI = 10 mV,
CL = 20 pF,
f = B1,
See Figure 3
–55
°C
39
°
CL = 20 F,
See Figure 3
125
°C
25
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC27L4M
TLC27L9M
UNIT
A
MIN
TYP
MAX
25
°C
0.05
VIPP = 1 V
–55
°C
0.06
SR
Slew rate at unity gain
RL = 1 MΩ,
CL 20 pF
125
°C
0.03
V/
µs
SR
Slew rate at unity gain
CL = 20 pF,
See Figure 1
25
°C
0.04
V/
µs
See Figure 1
VIPP = 5.5 V
–55
°C
0.06
125
°C
0.03
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
70
nV/
√Hz
VV
C20 F
25
°C
1
BOM
Maximum output-swing bandwidth
VO = VOH,
RL =1MΩ
CL = 20 pF,
See Figure 1
–55
°C
1.5
kHz
RL = 1 MΩ,
See Figure 1
125
°C
0.7
V10
V
C20 F
25
°C
110
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 pF,
–55
°C
165
kHz
See Figure 3
125
°C
70
V10 mV
fB
25
°C
38
°
φm
Phase margin
VI = 10 mV,
CL = 20 PF,
f = B1,
See Figure 3
–55
°C
43
°
CL = 20 PF,
See Figure 3
125
°C
29
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com