Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC532AI Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC532AI
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC532AI Datasheet(HTML) 4 Page - Texas Instruments

  TLC532AI Datasheet HTML 1Page - Texas Instruments TLC532AI Datasheet HTML 2Page - Texas Instruments TLC532AI Datasheet HTML 3Page - Texas Instruments TLC532AI Datasheet HTML 4Page - Texas Instruments TLC532AI Datasheet HTML 5Page - Texas Instruments TLC532AI Datasheet HTML 6Page - Texas Instruments TLC532AI Datasheet HTML 7Page - Texas Instruments TLC532AI Datasheet HTML 8Page - Texas Instruments TLC532AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
typical operating sequence
1
23
1
23456
289
290
twL(reset)
Don’t Care
tsu(A)
Don’t Care
tsu(CS)
tsu(CS)
tsu(A)
Don’t Care
(see Note A)
(see Note B)
tsu(bus)
HI-Z
State
HI-Z
State
ten
ten
ten
Don’t Care
Don’t Care
CLOCK
R
R/W
CS
RS
DATA
BUS
ten
(see Note C)
(see Note D)
(see Note F)
(see Note E)
= HI-Z States
Start Conversion Cycle If SC Bit Is Logic One (High)
Write Cycle
Read Cycle
Write
Cycle
tsu(A)
tsu(A)
tsu(bus)
tsu(bus)
Don’t Care
ten
ten
ten
ten
tsu(A)
tsu(A)
tsu(A)
tsu(bus)
Don’t Care
Don’t Care
ten
MS
Byte
LS
Byte
LS
Byte
LS
Byte
LS
Byte
MS
Byte
LS
Byte
MS
Byte
LS
Byte
MS
Byte
LS
Byte
(see Note C)
(see Note A)
NOTES: A. This is a 16-bit input instruction from the microprocessor being sent to the control data register.
B. This is the 2-byte (16-bit) content of the digital data register being sent to the microprocessor.
C. This is the LS byte (8-bit) content of the analog conversion data register being sent to the microprocessor.
D. This is the LS byte (8-bit) content of the digital data register being sent to the microprocessor.
E. These are MS byte (8-bit), LS byte (8-bit), and LS byte (8-bit) content of the analog conversion data register or digital data register being sent to the microprocessor.
F. This is the 2-byte (16-bit) content of the analog conversion data register being sent to the microprocessor.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com