Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC532AI Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC532AI
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC532AI Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC532AI Datasheet HTML 2Page - Texas Instruments TLC532AI Datasheet HTML 3Page - Texas Instruments TLC532AI Datasheet HTML 4Page - Texas Instruments TLC532AI Datasheet HTML 5Page - Texas Instruments TLC532AI Datasheet HTML 6Page - Texas Instruments TLC532AI Datasheet HTML 7Page - Texas Instruments TLC532AI Datasheet HTML 8Page - Texas Instruments TLC532AI Datasheet HTML 9Page - Texas Instruments TLC532AI Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Bus
Lines
16-Bit Write
Most Significant Byte
Least Significant Byte
Data Bus
Lines
Most Significant Byte
Least Significant Byte
8-Bit Write
16-Bit Write
Data Bus
Lines
Most Significant Byte
16-Bit Write
8-Bit Write
Least Significant Byte
TLC532AI, TLC532AM, TLC533AI, TLC533AM
LinCMOS
™ 8-BIT ANALOG-TO-DIGITAL PERIPHERALS
WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
SLAS070 – D2819, NOVEMBER 1983 – REVISED SEPTEMBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
6
2 – 1
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8
2 – 1
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8
X
(MSB)
X
X
X
X
X
X
SC
(LSB)
X
(MSB)
X
X
X
X
X
X
SC
(LSB)
Unused Bits (X) – The MS byte bits 2 – 1 through 2 – 7 and LS byte bits 2 – 1 through 2 – 4 of the control register are not used internally.
Start Conversion (SC) – When the SC bit in the MS byte is set to a logical 1, analog-to-digital conversion on the specified analog channel
begins immediately after the completion of the control register write.
Analog Multiplex Address (A0-A3) – These four address bits are decoded by the analog multiplexer and used to select the appropriate analog
channel as shown below:
Hexadecimal Address (A3 = MSB)
Channel Select
0A0
1
REF + (A1)
2-5
A2-A5
6-9 (not used)
A-F
A10-A15
Figure 2. Word Format and Content for Control Register 2-Byte Write
2 – 1
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8
2 – 1
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8
EOC
(MSB)
0
0
0
0
0
0
0
(LSB)
R7
(MSB)
R6
R5
R4
R3
R2
R1
R0
(LSB)
A/D Status (EOC) – The A/D status end-of-conversion (EOC) bit is set whenever an analog-to-digital conversion is successfully completed
by the A/D converter. The status bit is cleared by a 16-bit write from the microprocessor to the control register. The remainder of the bits
in the MS byte of the analog conversion data register are always reset to logical 0 to simplify microprocessor interrogation of the A/D
converter status.
A/D Result (R0-R7) – The LS byte of the analog conversion data register contains the result of the analog-to-digita
Figure 3. Word Format and Content for Analog Conversion Data Register 1-Byte and 2-Byte Read
2 – 1
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8
2 – 1
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8
A15/D6
(MSB)
A14
/D5
A13
/D4
A12
/D3
A11
/D2
A10
/D1
A3
A2
(LSB)
A1
(MSB)
A0
X
X
X
X
X
X
(LSB)
Shared Digital Port (A10/D1-A15/D6) – The voltage present on these pins is interpreted as a digital signal, and the corresponding states
are read from these bits. A digital value is given for each pin even if some or all of these pins are being used as analog inputs.
Analog Multiplexer Address (A0-A3) – The address of the selected analog channel presently addressed is given by these bits.
Unused Bits (X) – LS byte bits 2 – 3 through 2 – 8 of the digital data register are not used.
Figure 4. Word Format And Content For Digital Data Register 1-Byte and 2-Byte Read



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com