Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC532AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC532AI
Description  LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC532AI Datasheet(HTML) 1 Page - Texas Instruments

  TLC532AI Datasheet HTML 1Page - Texas Instruments TLC532AI Datasheet HTML 2Page - Texas Instruments TLC532AI Datasheet HTML 3Page - Texas Instruments TLC532AI Datasheet HTML 4Page - Texas Instruments TLC532AI Datasheet HTML 5Page - Texas Instruments TLC532AI Datasheet HTML 6Page - Texas Instruments TLC532AI Datasheet HTML 7Page - Texas Instruments TLC532AI Datasheet HTML 8Page - Texas Instruments TLC532AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
REF –
GND
2 – 1 (MSB)
2 – 2
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8 (LSB)
R/ W
CLK
RS
CS
REF + (A1)
VCC
A0
A2
A3
A4
A5
A10/D1
A11/D2
A12/D3
A13/D4
A14/D5
A15/D6
R
Analog
Inputs
Analog/
Digital
Inputs
I/O
Data
Bus
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
A2
A3
A4
A5
A10/D1
A11/D2
A12/D3
2 – 3
2 – 4
2 – 5
2 – 6
2 – 7
2 – 8 (LSB)
R/ W
426
14 15 16 17 18
FN PACKAGE
(TOP VIEW)
N PACKAGE
(TOP VIEW)
ADDRESS/CONTROL
DISCRIPTION
X
L
L
L
H
FUNCTION TABLE
CS
R CLK
L†
H
H
H
H
↓
↑
↑
X
Reset
Write bus data to control register
Read data from analog conversion register
Read data from digital register
No response
X
L
H
H
X
R/W
X
H
L
H
X
RS
H=High-level, L = Low-level, X = Irrelevant
↓=High-to-low transition, ↑ = Low-to-high transition
† For proper operation, RESET must be low for at least three lock cycles.
TLC532AI, TLC532AM, TLC533AI, TLC533AM
LinCMOS
™ 8-BIT ANALOG-TO-DIGITAL PERIPHERALS
WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
SLAS070 – D2819, NOVEMBER 1983 – REVISED SEPTEMBER 1986
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Copyright
© 1986, Texas Instruments Incorporated
1
• LinCMOS™ Technology
• 8-Bit Resolution
• Total Unadjusted Error... ±0.5 LSB Max
• Ratiometric Conversion
• Access Plus Conversion Time:
TLC532A ...15
µs Max
TLC533A ...30
µs Max
• 3-State, Bidirectional I/O Data Bus
• 5 Analog and 6 Dual-Purpose Inputs
• On-Chip 12-Channel Analog Multiplexer
• Three On-Chip 16-Bit Data Registers
• Software Compatible With Larger TL530
and TL531 (21-Input Versions)
• On-Chip Sample-and-Hold Circuit
• Single 5-V Supply Operation
• Low Power Consumption... 6.5 mW Typ
• Improved Direct Replacements for Texas
Instruments TL532 and TL533, National
Semiconductor ADC0829, and Motorola
MC14442
description
The TLC532A and TLC533A are monolithic
LinCMOS
™ peripheral integrated circuits each
designed to interface a microprocessor for analog
data acquisition. These devices are complete
peripheral data acquisition systems on a single
chip and can convert analog signals to digital data
from up to 11 external analog terminals. Each
device operates from a single 5-V supply and
contains a 12-channel analog multiplexer, and
8-bit ratiometric analog-to-digital (A/D) converter,
a sample-and-hold circuit, three 16-bit registers,
and microprocessor-compatible control circuitry.
Additional features include a built-in self-test,
sixmultipurpose (analog or digital) inputs, five
external analog inputs, and an 8-pin input/output
(I/O) data port. The three on-chip data registers
store the control data, the conversion results, and
the input digital data that can be accessed via the
microprocessor
data
bus
in
two
bytes
LinCMOS is a trademark of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLC532AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC532A TI1-TLC532A Datasheet
143Kb / 10P
LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
More results

Similar Description - TLC532AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AD7524M TI-AD7524M Datasheet
253Kb / 12P
Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC540I TI-TLC540I Datasheet
164Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC545C TI-TLC545C Datasheet
184Kb / 13P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 19 INPUTS
ADC0803 TI-ADC0803 Datasheet
109Kb / 7P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH DIFFERENTIAL INPUTS
TLV1548-EP TI1-TLV1548-EP Datasheet
692Kb / 35P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLV1548-Q1 TI1-TLV1548-Q1 Datasheet
537Kb / 34P
LOW-VOLTAGE 10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 8 ANALOG INPUTS
TLC532A TI1-TLC532A Datasheet
143Kb / 10P
LinCMOSE 8-BIT ANALOG-TO-DIGITAL PERIPHERALS WITH 5 ANALOG AND 6 DUAL-PURPOSE INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540I TI1-TLC540I_14 Datasheet
844Kb / 19P
8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com