Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3936 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 8Page - Texas Instruments LP3936 Datasheet HTML 9Page - Texas Instruments LP3936 Datasheet HTML 10Page - Texas Instruments LP3936 Datasheet HTML 11Page - Texas Instruments LP3936 Datasheet HTML 12Page - Texas Instruments LP3936 Datasheet HTML 13Page - Texas Instruments LP3936 Datasheet HTML 14Page - Texas Instruments LP3936 Datasheet HTML 15Page - Texas Instruments LP3936 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SDA
SCL
1
8
2
3
7
6
5
8
10
4
9
1
7
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
Figure 11. I2C Timing Diagram
I2C Timing Parameters(1)
VDD1, 2 = 3.0V to 4.5V, VDD_IO = 1.65V to VDD1, 2
Limits
Symbol
Parameter
Units
Min
Max
1
Hold Time (repeated) START Condition
0.6
µs
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (output direction, delay generated by LP3936)
300
900
ns
5
Data Hold Time (input direction)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20 + 0.1Cb
300
ns
8
Fall Time of SDA and SCL
15 + 0.1Cb
300
ns
9
Set-Up Time for STOP Condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
Cb
Capacitive Load for Each Bus Line
10
200
pF
(1)
Specified by design. Not production tested.
A/D Converter for Ambient Light Measurement
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN RANGE
Input Voltage
AD Output: 00h
1.23
V
AD Output: FFh
2.46
V
DNL
Differential Non-Linearity
–1.5
±1
+1.5
LSB
GE
Gain Error
−5
+5
LSB
PSS
Power Supply Sensitivity
3.1V
≤ VDD ≤ 4.2V
±1/2
LSB
f(conv)
Conversion Rate
Without Averaging
217
Hz
With Averaging
3.4
Hz
(64 samples)
tSTARTUP
Startup Time
100
ms
IAIN
Input Current
1.23 < AIN < 2.6V
±0.1
µA
IAREF
Maximum Output Current
AREF Output Current Sink
200
µA
RAREF
AREF Output Resistance
110
Ω
ADC output AIN[7:0] can be read from address 0CH after startup time. Overflow bit can be read from bit D7 in
address 0BH. The overflow bit indicates that input voltage exceeds the input voltage range of the ADC. The ADC
output value in this case is FFH. When averaging is on, the overflow is high, if any of the 64 conversion results in
the averaging period overflows. Thus the averaged result may be considerably below maximum and the overflow
can still be high, if the input signal is noisy.
12
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com