Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3936 Datasheet(PDF) 17 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 13Page - Texas Instruments LP3936 Datasheet HTML 14Page - Texas Instruments LP3936 Datasheet HTML 15Page - Texas Instruments LP3936 Datasheet HTML 16Page - Texas Instruments LP3936 Datasheet HTML 17Page - Texas Instruments LP3936 Datasheet HTML 18Page - Texas Instruments LP3936 Datasheet HTML 19Page - Texas Instruments LP3936 Datasheet HTML 20Page - Texas Instruments LP3936 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
TIME (100 Ps/DIV)
I LOA
D
= 50 mA
V
IN = 3.0V - 3.6V
TIME (50 Ps/DIV)
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
BOOST CONVERTER TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.6V, VOUT = 4.55V if not otherwise stated.
Boost Line Regulation
Boost Load Regulation, 50 mA–100 mA
Figure 21.
Figure 22.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com