Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3936 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3936
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3936 Datasheet HTML 10Page - Texas Instruments LP3936 Datasheet HTML 11Page - Texas Instruments LP3936 Datasheet HTML 12Page - Texas Instruments LP3936 Datasheet HTML 13Page - Texas Instruments LP3936 Datasheet HTML 14Page - Texas Instruments LP3936 Datasheet HTML 15Page - Texas Instruments LP3936 Datasheet HTML 16Page - Texas Instruments LP3936 Datasheet HTML 17Page - Texas Instruments LP3936 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
5.3
4.1
VIN = 3.6V
VOUT = 4.1V - 5.3V - 4.55V
ILOAD = 50 mA
Control = 00 - FF - 07
TIME (200 Ps/DIV)
+
-
+
-
+
-
+
-
VOUT
VIN
FB
OUT
R
S
R
R
R
Duty control
1 MHz clock
OVPCOMP
ERRORAMP
SLOPER
OLPCOMP
RESETCOMP
LOOPC
VREF
+
-
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
Figure 13. Magnetic Boost DC/DC Converter – Boost Topology with Protection Circuitry
Boost Output Voltage Control
User can control the boost output voltage by boost output 8-bit register.
8-Bit Boost Output Voltage Control Register Description
Boost[7:0]
BOOST Output Voltage
Register 0Dh
(typical)
Binary
Hex
0000 0000
00
4.10
0000 0001
01
4.25
0000 0011
03
4.40
0000 0111
07
4.55 Default
0000 1111
0F
4.70
0001 1111
1F
4.85
0011 1111
3F
5.00
0111 1111
7F
5.15
1111 1111
FF
5.30
Figure 14. Boost Output Voltage Control
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com