Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 21Page - Texas Instruments LP3971 Datasheet HTML 22Page - Texas Instruments LP3971 Datasheet HTML 23Page - Texas Instruments LP3971 Datasheet HTML 24Page - Texas Instruments LP3971 Datasheet HTML 25Page - Texas Instruments LP3971 Datasheet HTML 26Page - Texas Instruments LP3971 Datasheet HTML 27Page - Texas Instruments LP3971 Datasheet HTML 28Page - Texas Instruments LP3971 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LP3971
www.ti.com
SNVS432V – JANUARY 2006 – REVISED MAY 2013
Bit
Access
Name
Description
2
R/W
BUCEN
Enables backup battery charger
0 = Back up Battery Charger Disabled
1 = Back up Battery Charger Enabled
1:0
R/W
IBUC
Charger current setting for back-up battery
Data Code
BU Charger I (µA)
2h'00
260
2h'01
190
2h'02
325
2h'03
390
SYSTEM CONTROL REGISTER (SCR2) 8H'0E
Bit
7
6
5
4
3
2
1
0
Designation
BBCS
SEB2
BPTR**
WUP3_
GPIO2
GPIO1
sense
Reset Value
1
0
0**
1
0
0
0
0
SYSTEM CONTROL REGISTER (SCR2) 8H'0E DEFINITIONS
Bit
Access
Name
Description
7
R/W
BBCS
Sets GPIO1 as control input for Back Up battery charger
0 = Back Up battery Charger GPIO Disabled
1 = Back Up battery Charger GPIO Pin Enabled
6
R/W
SEB2
PWR_EN soft Low voltage Supply Enabled OR'ed with PWR_EN Pin
0 = Low voltage Supply Output Enabled
1 = Low voltage Supply Output Disabled
5
R/W
BPTR
Bypass RTC_LDO Output Voltage to LDO1 Output Voltage Tracking
0 = RTC_LDO1 Tracking enabled
1 = RTC-LDO1 Tracking disabled
4
R/W
WUP3_
Spare Wakeup control input
sense
0 = Active High
1 = Active Low
3:2
R/W
GPIO2
Configure direction and output sense of GPIO2 Pin
Data Code
GPIO2
2h'00
Hi-Z
2h'01
Output Low
2h'02
Input
2h'03
Output high
1:0
R/W
GPIO1
Configure direction and output sense of GPIO1 Pin
Data Code
GPIO1
2h'00
Hi-Z
2h'01
Output Low
2h'02
Input
2h'03
Output high
BUCKS OUTPUT VOLTAGE ENABLE REGISTER (BOVEN) 8H'10
Bit
7
6
5
4
3
2
1
0
Designation
Reserved
B2ENC**
Reserved
B3EN
Reserved
B2EN
Reserved
B1EN
Reset Value
0
1**
0
1
0
1
0
1
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com