Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 40Page - Texas Instruments LP3971 Datasheet HTML 41Page - Texas Instruments LP3971 Datasheet HTML 42Page - Texas Instruments LP3971 Datasheet HTML 43Page - Texas Instruments LP3971 Datasheet HTML 44Page - Texas Instruments LP3971 Datasheet HTML 45Page - Texas Instruments LP3971 Datasheet HTML 46Page - Texas Instruments LP3971 Datasheet HTML 47Page - Texas Instruments LP3971 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
0
0.5
1.0
1.5
LOAD CURRENT (A)
3.0
3.5
4.0
4.5
5.0
5.5
VPP-RMS =
VPP-C
2 + V
PP-ESR
2
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
VPP-ESR = (2 * IRIPPLE) * RESR
(5)
Because these two components are out of phase the rms value can be used to get an approximate value of
peak-to-peak ripple.
Voltage peak-to-peak ripple, root mean squared can be expressed as follows
(6)
Note that the output voltage ripple is dependent on the inductor current ripple and the equivalent series
resistance of the output capacitor (RESR).
The RESR is frequency dependent (as well as temperature dependent); make sure the value used for calculations
is at the switching frequency of the part.
Table 3. Suggested Capacitor and Their Suppliers
Case Size
Model
Type
Vendor
Voltage
Inch (mm)
GRM21BR60J106K
Ceramic, X5R
Murata
6.3V
0805 (2012)
JMK212BJ106K
Ceramic, X5R
Taiyo-Yuden
6.3V
0805 (2012)
C2012X5R0J106K
Ceramic, X5R
TDK
6.3V
0805 (2012)
Buck Output Ripple Management
If VIN and ILOAD increase, the output ripple associated with the Buck Regulators also increases. The figure below
shows the safe operating area. To ensure operation in the area of concern it is recommended that the system
designer circumvents the output ripple issues to install schottky diodes on the Bucks(s) that are expected to
perform under these extreme corner conditions.
(Schottky diodes are recommended to reduce the output ripple, if system requirements include this shaded area
of operation. VIN > 5.1V and ILOAD > 1.24)
Board Layout Considerations
PC board layout is an important part of DC-DC converter design. Poor board layout can disrupt the performance
of a DC-DC converter and surrounding circuitry by contributing to EMI, ground bounce, and resistive voltage loss
in the traces. These can send erroneous signals to the DC-DC converter IC, resulting in poor regulation or
instability.
Good layout for the converters can be implemented by following a few simple design rules.
1. Place the converters, inductor and filter capacitors close together and make the traces short. The traces
between these components carry relatively high switching currents and act as antennas. Following this rule
reduces radiated noise. Special care must be given to place the input filter capacitor very close to the VIN
and GND pin.
2. Arrange the components so that the switching current loops curl in the same direction. During the first half of
each cycle, current flows from the input filter capacitor through the converter and inductor to the output filter
capacitor and back through ground, forming a current loop. In the second half of each cycle, current is pulled
up from ground through the converter by the inductor to the output filter capacitor and then back through
44
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com