Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3971 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3971
Description  Power Management Unit for Advanced Application Processors
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3971 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3971 Datasheet HTML 12Page - Texas Instruments LP3971 Datasheet HTML 13Page - Texas Instruments LP3971 Datasheet HTML 14Page - Texas Instruments LP3971 Datasheet HTML 15Page - Texas Instruments LP3971 Datasheet HTML 16Page - Texas Instruments LP3971 Datasheet HTML 17Page - Texas Instruments LP3971 Datasheet HTML 18Page - Texas Instruments LP3971 Datasheet HTML 19Page - Texas Instruments LP3971 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
LP3971
SNVS432V – JANUARY 2006 – REVISED MAY 2013
www.ti.com
I
2C Compatible Serial Interface Electrical Specifications (SDA and SCL)
Unless otherwise noted, VIN = 3.6V. Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing
in boldface type apply over the entire junction temperature range for operation,
−40°C to +125°C.
(1) (2) and (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIL
Low Level Input Voltage
(4)
−0.5
0.3
V
VRTC
VIH
High Level Input Voltage
(4)
0.7
VRTC
VRTC
VOL
Low Level Output Voltage
(4)
0
0.2
VTRC
IOL
Low Level Output Current
VOL = 0.4V
(4)
3.0
mA
FCLK
Clock Frequency
(4)
400
kHz
tBF
Bus-Free Time Between Start and Stop
(4)
1.3
μs
tHOLD
Hold Time Repeated Start Condition
(4)
0.6
μs
tCLKLP
CLK Low Period
(4)
1.3
μs
tCLKHP
CLK High Period
(4)
0.6
μs
tSU
Set Up Time Repeated Start Condition
(4)
0.6
μs
tDATAHLD
Data Hold Time
(4)
0
μs
tCLKSU
Data Set Up Time
(4)
100
ns
TSU
Set Up Time for Start Condition
(4)
0.6
μs
TTRANS
Maximum Pulse Width of Spikes that Must
(4)
50
ns
be Suppressed by the Input Filter of Both
DATA & CLK Signals
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits specified at room temperature and at temperature extremes. All room temperature limits are production tested, specified
through statistical analysis or by design. All limits at temperature extremes are specified via correlation using standard Statistical Quality
Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level (AOQL).
(3)
The I2C signals behave like open-drain outputs and require an external pull-up resistor on the system module in the 2 k
Ω to 20 kΩ
range.
(4)
Specified by design. Not production tested
16
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LP3971



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com