Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8565TS Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565TS Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA8565TS Datasheet HTML 14Page - NXP Semiconductors PCA8565TS Datasheet HTML 15Page - NXP Semiconductors PCA8565TS Datasheet HTML 16Page - NXP Semiconductors PCA8565TS Datasheet HTML 17Page - NXP Semiconductors PCA8565TS Datasheet HTML 18Page - NXP Semiconductors PCA8565TS Datasheet HTML 19Page - NXP Semiconductors PCA8565TS Datasheet HTML 20Page - NXP Semiconductors PCA8565TS Datasheet HTML 21Page - NXP Semiconductors PCA8565TS Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
18 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Fig 14. I2C-bus timing waveforms.
SDA
MGA728
SDA
SCL
t SU;STA
t
SU;STO
t
HD;STA
t BUF
t LOW
t HD;DAT
t HIGH
t r
t f
t SU;DAT
Tamb =25 °C; Timer = 1 minute.
Tamb =25 °C; Timer = 1 minute.
Fig 15. IDD as a function of VDD; CLKOUT disabled.
Fig 16. IDD as a function of VDD; CLKOUT = 32 kHz.
0
1.5
1
0.5
0
246
MLD970
VDD (V)
IDD
(
µA)
0
1.5
1
0.5
0
246
MLD971
VDD (V)
IDD
(
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com