Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA8565TS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA8565TS
Description  Real time clock/calender
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA8565TS Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA8565TS Datasheet HTML 1Page - NXP Semiconductors PCA8565TS Datasheet HTML 2Page - NXP Semiconductors PCA8565TS Datasheet HTML 3Page - NXP Semiconductors PCA8565TS Datasheet HTML 4Page - NXP Semiconductors PCA8565TS Datasheet HTML 5Page - NXP Semiconductors PCA8565TS Datasheet HTML 6Page - NXP Semiconductors PCA8565TS Datasheet HTML 7Page - NXP Semiconductors PCA8565TS Datasheet HTML 8Page - NXP Semiconductors PCA8565TS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Philips Semiconductors
PCA8565
Real time clock/calender
Product data
Rev. 01 — 31 March 2003
2 of 26
9397 750 10695
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
5.
Ordering information
6.
Block diagram
7.
Pinning information
7.1 Pinning
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PCA8565TS
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
Fig 1.
Block diagram.
MCE171
0
CONTROL/STATUS 1
OSCILLATOR
32.768 kHz
1
CONTROL/STATUS 2
2
SECONDS/VL
3
MINUTES
4
HOURS
5
DAYS
6
WEEKDAYS
7
MONTHS/CENTURY
8
YEARS
9
MINUTE ALARM
A
HOUR ALARM
B
DAY ALARM
C
WEEKDAY ALARM
D
E
CLKOUT CONTROL
F
TIMER CONTROL
TIMER
OSCILLATOR
MONITOR
VOLTAGE
DETECTOR
I2C-BUS
INTERFACE
DIVIDER
PCA8565
CONTROL
LOGIC
ADDRESS
REGISTER
POR
VDD
CLKOUT
1 Hz
OSCO
SCL
SDA
VSS
INT
OSCI
1
2
3
4
8
6
5
7
Fig 2.
Pin configuration.
MCE170
PCA8565TS
1
2
3
4
OSCI
OSCO
INT
VSS
VDD
CLKOUT
SCL
SDA
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com