Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD200 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200
Description  MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65MLVD200 Datasheet HTML 2Page - Texas Instruments SN65MLVD200 Datasheet HTML 3Page - Texas Instruments SN65MLVD200 Datasheet HTML 4Page - Texas Instruments SN65MLVD200 Datasheet HTML 5Page - Texas Instruments SN65MLVD200 Datasheet HTML 6Page - Texas Instruments SN65MLVD200 Datasheet HTML 7Page - Texas Instruments SN65MLVD200 Datasheet HTML 8Page - Texas Instruments SN65MLVD200 Datasheet HTML 9Page - Texas Instruments SN65MLVD200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
receiver electrical characteristics over recommended operating conditions (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
V
Positive going differential input voltage threshold
Type 1
50
mV
VIT+
Positive-going differential input voltage threshold
Type 2
150
mV
V
Negative going differential input voltage threshold
Type 1
See Figure 8,
–50
mV
VIT–
Negative-going differential input voltage threshold
Type 2
See Figure 8,
Table 1 and Table 2
50
mV
V
Differential input voltage hysteresis V
V
Type 1
25
mV
VID(HYS)
Differential input voltage hysteresis, VIT+ – VIT–
Type 2
0
mV
VOH
High-level output voltage
IOH = –8 mA
2.4
V
VOL
Low-level output voltage
IOL = 8 mA
0.4
V
IIH
High-level input current
VIH = 2 V
–10
0
µA
IIL
Low-level input current
VIL = 0.8 V
–10
0
µA
IOZ
High-impedance output current
VO = 0 V or 3.6 V
–10
15
µA
† All typical values are at 25
°C and with a 3.3-V supply voltage.
bus input and output electrical characteritics over recommended operating conditions (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
R
i
it
t
i
it/
t
t
VA = 3.8 V,
VB = 1.2 V
0
32
IA
Receiver input or transceiver input/output
current
VA = 0 V or 2.4 V, VB = 1.2 V
–20
20
µA
IA
current
VA = –1.4 V,
VB = 1.2 V
–32
0
µA
R
i
it
t
i
it/
t
t
VB = 3.8 V,
VA = 1.2 V
0
32
IB
Receiver input or transceiver input/output
current
VB = 0 V or 2.4 V, VA = 1.2 V
–20
20
µA
IB
current
VB = –1.4 V,
VA = 1.2 V
–32
0
µA
IAB
Receiver input or transceiver input/output
differential current (IA – IB)
VA = VB,
–1.4
≤ VA ≤ 3.8 V
–4
4
µA
R
i
it
t
i
it/
t
t
VA = 3.8 V,
VB = 1.2 V, VCC ≤ 1.5 V
0
32
IA(OFF)
Receiver input or transceiver input/output
power-off current
VA = 0 V or 2.4 V, VB = 1.2 V, VCC ≤ 1.5 V
–20
20
µA
IA(OFF)
power-off current
VA = –1.4 V,
VB = 1.2 V, VCC ≤ 1.5 V
–32
0
µA
R
i
it
t
i
it/
t
t
VB = 3.8 V,
VA = 1.2 V, VCC ≤ 1.5 V
0
32
IB(OFF)
Receiver input or transceiver input/output
power-off current
VB = 0 V or 2.4 V, VA = 1.2 V, VCC ≤ 1.5 V
–20
20
µA
IB(OFF)
power-off current
VB = –1.4 V,
VA = 1.2 V, VCC ≤ 1.5 V
–32
0
µA
IAB(OFF)
Receiver input or transceiver input/output
power-off differential current (IA – IB)
VA = VB,
–1.4
≤ VA ≤ 3.8 V, VCC ≤ 1.5 V
–4
4
µA
CA
Receiver input, driver high-impedance
output or transceiver input/output
VA = 0.4 sin(2E8πt) +0.5, VB = 1.2 V
3
pF
CB
output, or transceiver input/output
capacitance
VB = 0.4 sin(2E8πt) +0.5, VA = 1.2 V
3
pF
† All typical values are at 25
°C and with a 3.3-V supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com