Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD200 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200
Description  MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD200 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN65MLVD200 Datasheet HTML 15Page - Texas Instruments SN65MLVD200 Datasheet HTML 16Page - Texas Instruments SN65MLVD200 Datasheet HTML 17Page - Texas Instruments SN65MLVD200 Datasheet HTML 18Page - Texas Instruments SN65MLVD200 Datasheet HTML 19Page - Texas Instruments SN65MLVD200 Datasheet HTML 20Page - Texas Instruments SN65MLVD200 Datasheet HTML 21Page - Texas Instruments SN65MLVD200 Datasheet HTML 22Page - Texas Instruments SN65MLVD200 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Type-1 and Type-2 receivers
The M-LVDS standard defines Type-1 and Type-2 receivers. Type-1 receivers include no provisions for failsafe
and have their differential input voltage thresholds near zero volts. Type-2 receivers have their differential input
voltage thresholds offset from zero volts to detect the absence of a voltage difference. Type-1 receivers
maximize the differential noise margin and are intended for maximum signaling rates. Type-2 receivers are
intended for control signals and slower signaling rates. The impact on receiver output by the offset input can
be seen in Table 3 and Figure 33.
Table 3. M-LVDS Receiver Input Voltage Threshold Requirements
Receiver Type
Output Low
Output High
1
–2.4 V
≤ VID ≤ –0.05 V
0.05 V
≤ VID ≤ 2.4 V
2
–2.4 V
≤ VID ≤ 0.05 V
0.15 V
≤ VID ≤ 2.4 V
–100
–50
0
50
100
150
200
Type 1
Transition Regions
Type 2
Low
High
Low
High
Figure 33. Receiver Differential Input Voltage Showing Transition Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com