Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65MLVD200 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN65MLVD200
Description  MULTIPOINT-LVDS LINE DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD200 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD200 Datasheet HTML 9Page - Texas Instruments SN65MLVD200 Datasheet HTML 10Page - Texas Instruments SN65MLVD200 Datasheet HTML 11Page - Texas Instruments SN65MLVD200 Datasheet HTML 12Page - Texas Instruments SN65MLVD200 Datasheet HTML 13Page - Texas Instruments SN65MLVD200 Datasheet HTML 14Page - Texas Instruments SN65MLVD200 Datasheet HTML 15Page - Texas Instruments SN65MLVD200 Datasheet HTML 16Page - Texas Instruments SN65MLVD200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
SN65MLVD200, SN65MLVD202
SN65MLVD204, SN65MLVD205
MULTIPOINT–LVDS LINE DRIVERS AND RECEIVERS
SLLS463E – SEPTEMBER 2001 – REVISED JUNE 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.1 V
0.9 V
tpLH
0.2 V
–0.2 V
VA
VB
VID
90%
0.1 VOH
0.1 VOL
tpHL
10%
tf
tr
VO
0.1 VCC/2
Type 1
1.2 V
0.8 V
tPLH
0.4 V
–0.4 V
VA
VB
VID
90%
0.1 VOH
0.1 VOL
tPHL
10%
tf
tr
VO
0.1 VCC/2
Type 2
VO
VID
VB
VA
CL
0 V
0.1 V
R2
49.9
Ω
R1
453
Ω
NOTES: A. All input pulses are supplied by a generator having the following characteristics: tr or tf ≤1 ns, pulse repetition rate (PRR) = 1 Mpps,
pulse width = 0.5
±0.05 µs.
B. Resistors are 1% tolerance, metal film, and surface mount.
C. CL is 20% tolerance, low-loss ceramic, and surface mount.
D. R1 and CL are located within 2 cm of the D.U.T.
E. R2 is located within 15 cm of the D.U.T.
Figure 10. Receiver Timing Test Circuit and Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com