Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5524 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 5 Page - Texas Instruments

  LP5524 Datasheet HTML 1Page - Texas Instruments LP5524 Datasheet HTML 2Page - Texas Instruments LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
LP5524
www.ti.com
SNVS500B – JULY 2007 – REVISED JUNE 2016
Product Folder Links: LP5524
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers represent the
most likely norm.
(3)
Matching is the maximum difference from the average.
(4)
The current source is connected internally between VIN an VDX. The voltage across the current source, (VIN – VDX), is referred to a
headroom voltage (VHR). Minimum headroom voltage is defined as the VHR voltage when the LED current has dropped 20% from the
value measured at VDX = VIN – 1 V.
6.5 Electrical Characteristics
Unless otherwise noted, specifications apply to the Functional Block Diagram with: VIN = 3.6 V, RISET = 32.4 kΩ, CIN = 100 nF,
TJ = 25°C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IVIN
Shutdown supply current ENA = ENB = 0 V
0.2
µA
ENA = ENB = 0V, TJ = –40°C to 85°C
1
Active mode supply
current
ENA = ENB = H, ISET = open
170
µA
ENA = ENB = H, ISET = open
TJ = –40°C to 85°C
210
IDX
Recommended LED
current
3
25
mA
IOUT
LED output current
accuracy
IDX = 5 mA, VDX = VIN – 0.2V
ISET = open
0.5%
IDX = 5 mA, VDX = VIN – 0.2V
ISET = open, TJ = –40°C to 85°C
5%
IDX = 15.9 mA, VDX = VIN – 0.2 V
0.5%
IDX = 15.9 mA, VDX = VIN – 0.2 V
TJ = –40°C to 85°C
4%
IMATCH
LED current matching(3)
IDX = 15.9 mA
0.4%
IDX = 15.9 mA, TJ = –40°C to 85°C
2.5%
ΔIDX%/ΔVIN
Line regulation
1
%/V
ΔIDX%/ΔVDX
Load regulation
VDX < VIN – 0.2V
0.4
%/V
VHR
Minimum headroom
voltage
(VIN – VDX)
(4)
IDX set to 5 mA
10
mV
IDX set to 15 mA
30
mV
IDX set to 15 mA, TJ = –40°C to 85°C
75
IMIRROR
External RISET to LED
current mirroring ratio
1:416
VISET
ISET reference voltage
1.237
V
IISET
TJ = –40°C to 85°C
2.5
62.5
µA
tPWM MIN
Recommended
minimum
ON time for PWM signal
33
μs
VIL
Logic input low level
TJ = –40°C to 85°C
0.4
V
VIH
Logic input high level
TJ = –40°C to 85°C
1.2
V
IIN
CTRL input current
ENA / ENB = 1.2 V
1.2
µA
ENA / ENB = 1.2 V, TJ = –40°C to 85°C
1.9
tSD
Shutdown delay time
Delay from ENA and ENB = low to
IDX = 0.1 × IDX nom
20
25
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com