Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5524 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments LP5524 Datasheet HTML 10Page - Texas Instruments LP5524 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
LP5524
www.ti.com
SNVS500B – JULY 2007 – REVISED JUNE 2016
Product Folder Links: LP5524
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The LP5524 is an easy-to-use high side current source capable of driving 4 indicator LEDs with up to 25 mA per
LED. The device operates over the 2.7-V to 5.5-V input voltage range. The output current is user programmable
via the optional external ISET resistor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 LED
Forward voltage of LED must be less than minimum input voltage minus minimum headroom voltage (VHR). For
example with 2.7-V input voltage and 20-mA LED current the maximum LED forward voltage is 2.7 V – 100 mV =
2.6 V.
7.3.2 LED Headroom Voltage
A single current source is connected internally between VIN and DX outputs (D1A, D2A, D1B and D2B). The
voltage across the current source, (VIN – VDX), is referred to as headroom voltage (VHR). The current source
requires a sufficient amount of headroom voltage to be present across it in order to regulate properly.
Figure 4 shows how output current of the LP5524 varies with respect to headroom voltage. On the flat part of the
graph, the current is regulated properly as there is sufficient headroom voltage for regulation. On the sloping part
of the graph the headroom voltage is too small, the current source is squeezed, and the current drive capability is
limited. Thus, operating the LP5524 with insufficient headroom voltage across the current source must be
avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com