Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5524 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP5524
Description  LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5524 Datasheet(HTML) 1 Page - Texas Instruments

  LP5524 Datasheet HTML 1Page - Texas Instruments LP5524 Datasheet HTML 2Page - Texas Instruments LP5524 Datasheet HTML 3Page - Texas Instruments LP5524 Datasheet HTML 4Page - Texas Instruments LP5524 Datasheet HTML 5Page - Texas Instruments LP5524 Datasheet HTML 6Page - Texas Instruments LP5524 Datasheet HTML 7Page - Texas Instruments LP5524 Datasheet HTML 8Page - Texas Instruments LP5524 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LP5524
ENA
VIN
ISET
D2B
VIN
GND
ENB
D1B
D2A
D1A
RISET
(optional)
IDX = 25 mA max
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP5524
SNVS500B – JULY 2007 – REVISED JUNE 2016
LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
1
1 Features
1
•
Wide Input Voltage Range: 2.7 V to 5.5 V
•
High-Side LED Driver
•
Drives Four LEDs With up to 25 mA per LED
•
0.4% Typical Current Matching
•
PWM Brightness Control
•
Overcurrent Protection
•
Fast Transient Response
•
Optional External ISET Resistor
•
Ultra-Small Solution Size:
–
No External Components
–
9-Pin DSBGA Package with 0.4-mm pitch:
–
1.24 mm × 1.24 mm × 0.6 mm (L × W × H)
2 Applications
•
Sub-Display Backlight
•
Keypad LED Backlight
•
Indicator LED
3 Description
The LP5524 device is a highly integrated dual-zone
LED driver that can drive up to four LEDs in parallel
with a total output current of 100 mA. Regulated high-
side internal current sources deliver excellent current
and brightness matching in all LEDs.
The LP5524 provides overcurrent protection and
pulse-width
modulation
(PWM)
control
of
four
indicator
LEDs
without
the
need
for
external
components.
LED
driver
current
sources
are
split
into
two
independently controlled banks for driving secondary
displays, keypad and indicator LEDs. Brightness
control is achieved by applying PWM signals to each
enable
pin.
Default
LED
current
is
factory-
programmable and an optional external resistor can
be used to set LED current to user programmable
values.
The LP5524 is available in a tiny, 9-pin, thin DSBGA
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP5524
DSBGA (9)
1.21 mm × 1.21 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
space
Simplified Schematic


Similar Part No. - LP5524

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5524 NSC-LP5524 Datasheet
232Kb / 10P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Texas Instruments
LP5524 TI1-LP5524 Datasheet
779Kb / 14P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
LP5524 TI2-LP5524 Datasheet
416Kb / 18P
LP5524 Four-Channel LED Driver With Dual-PWM Brightness Control
REVISED NOVEMBER 2016
logo
National Semiconductor ...
LP5524TM-5 NSC-LP5524TM-5 Datasheet
232Kb / 10P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Texas Instruments
LP5524TM-5/NOPB TI2-LP5524TM-5/NOPB Datasheet
416Kb / 18P
LP5524 Four-Channel LED Driver With Dual-PWM Brightness Control
REVISED NOVEMBER 2016
More results

Similar Description - LP5524

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5524 NSC-LP5524 Datasheet
232Kb / 10P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Texas Instruments
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
LP5524 TI1-LP5524 Datasheet
779Kb / 14P
Parallel LED Driver with PWM Brightness Control in Micro SMD Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
White LED Driver With PWM Brightness Control
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
White LED Driver with Digital and PWM Brightness Control in Tiny Package
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9961 AWINIC-AW9961 Datasheet
2Mb / 30P
White LED Driver with Flexible Digital and PWM Brightness Control in Small Package
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
White LED Driver with PWM Brightness Control in Small Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com