Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900SDX-2.7/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900SDX-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900SDX-2.7/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP5900SDX-2.7/NOPB Datasheet HTML 10Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 17Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
14
LP5900
SNVS358R – JULY 2005 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. It should also be noted that the ESR of a typical tantalum will increase about
2:1 as the temperature goes from 25°C down to
−40°C, so some guard band must be allowed.
8.2.3 Application Curve
Figure 17. Enable Start-up Time, IOUT = 100 mA, VOUT = 2.8 V
9 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 2.5 V and 5.5 V. This input supply
must be well regulated. To ensure that the LP5900 output voltage is well regulated, the input supply must be at
least VOUT + 1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com