Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900SDX-2.7/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900SDX-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900SDX-2.7/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP5900SDX-2.7/NOPB Datasheet HTML 9Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 10Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 14Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 15Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 16Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
PD =
(TJMAX - TA)
RTJA
13
LP5900
www.ti.com
SNVS358R – JULY 2005 – REVISED JUNE 2016
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
(1)
The actual power dissipation across the device can be represented by Equation 2:
PD = (VIN – VOUT) × IOUT
(2)
This establishes the relationship between the power dissipation allowed due to thermal consideration, the voltage
drop across the device, and the continuous current capability of the device. These two equations should be used
to determine the optimum operating conditions for the device in the application.
8.2.2.2 External Capacitors
Like any low-dropout regulator, the LP5900 requires external capacitors for regulator stability. The LP5900 is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
8.2.2.2.1
Input Capacitor
An input capacitor is required for stability. The input capacitor should be at least equal to or greater than the
output capacitor. It is recommended that a 0.47-µF capacitor be connected between the LP5900 IN pin and
ground.
This capacitor must be located a distance of not more than 1 cm from the input pin and returned to a clean
analog ground. Any good quality ceramic, tantalum, or film capacitor may be used at the input.
Important: To ensure stable operation it is essential that good PCB practices are employed to minimize ground
impedance and keep input inductance low. If these conditions cannot be met, or if long leads are to be used to
connect the battery or other power source to the LP5900, then it is recommended to increase the input capacitor
to at least 2.2 µF. Also, tantalum capacitors can suffer catastrophic failures due to surge current when connected
to a low-impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at
the input, it must be ensured by the manufacturer to have a surge current rating sufficient for the application.
There are no requirements for the equivalent series resistance (ESR) on the input capacitor, but tolerance and
temperature coefficient must be considered when selecting the capacitor to ensure the capacitance will remain
0.47
μF ±30% over the entire operating temperature range.
8.2.2.2.2
Output Capacitor
The LP5900 is designed specifically to work with very small ceramic output capacitors. A ceramic capacitor
(dielectric types X5R or X7R) in the 0.47
μF to 10 μF range, and with ESR between 5 mΩ to 500 mΩ, is suitable
in the LP5900 application circuit. For this device the output capacitor should be connected between the OUT pin
and a good ground connection and should be mounted within 1 cm of the device.
It may also be possible to use tantalum or film capacitors at the device output, OUT, but these are not as
attractive for reasons of size and cost (see the Capacitor Characteristics section below).
The output capacitor must meet the requirement for the minimum value of capacitance and have an ESR value
that is within the range 5 m
Ω to 500 mΩ for stability.
8.2.2.2.3
Capacitor Characteristics
The LP5900 is designed to work with ceramic capacitors on the input and output to take advantage of the
benefits they offer. For capacitance values in the range of 0.47
μF to 4.7 μF, ceramic capacitors are the smallest,
least expensive and have the lowest ESR values, thus making them best for eliminating high frequency noise.
The ESR of a typical 0.47-
μF ceramic capacitor is in the range of 20 mΩ to 40 mΩ, which easily meets the
equivalent series resistance (ESR) requirement for stability for the LP5900.
The temperature performance of ceramic capacitors varies by type and manufacturer. Most large value ceramic
capacitors (
≥ 2.2 µF) are manufactured with Z5U or Y5V temperature characteristics, which results in the
capacitance dropping by more than 50% as the temperature goes from 25°C to 85°C.
A better choice for temperature coefficient in a ceramic capacitor is X7R. This type of capacitor is the most stable
and holds the capacitance within ±15% over the temperature range. Tantalum capacitors are less desirable than
ceramic for use as output capacitors because they are more expensive when comparing equivalent capacitance
and voltage ratings in the 0.47
μF to 4.7 μF range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com