Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900SDX-2.7/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900SDX-2.7/NOPB
Description  LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900SDX-2.7/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP5900SDX-2.7/NOPB Datasheet HTML 6Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 7Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 8Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 9Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 10Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 11Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 12Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 13Page - Texas Instruments LP5900SDX-2.7/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
IN
VBG
1.2 V
+
EN
GND
POR
+
OUT
VIH
RF
CF
+
EN
EN
1 M
10
LP5900
SNVS358R – JULY 2005 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP5900
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
Designed to meet the needs of sensitive RF and analog circuits, the LP5900 provides low noise, high PSRR, and
low quiescent current, as well as low line and load transient response figures. Using new innovative design
techniques, the LP5900 offers class-leading noise performance without the need for a separate noise filter
capacitor.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 No-Load Stability
The LP5900 remains stable and in regulation with no external load.
7.3.2 Enable Control
The LP5900 enable (EN) pin is internally held low by a 1-M
Ω resistor to GND. The EN must be higher than the
VIH threshold to ensure that the device is fully enabled under all operating conditions. The EN pin voltage must
be lower than the VIL threshold to ensure that the device is fully disabled.
7.3.3 Low Noise Output
Any internal noise at the LP5900 reference voltage is reduced by a first order low-pass RC filter before it is
passed to the output buffer stage. This eliminates the need for the external bypass capacitor for noise
suppression.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com