Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013MFKB Datasheet(HTML) 5 Page - Texas Instruments

  LT1013MFKB Datasheet HTML 1Page - Texas Instruments LT1013MFKB Datasheet HTML 2Page - Texas Instruments LT1013MFKB Datasheet HTML 3Page - Texas Instruments LT1013MFKB Datasheet HTML 4Page - Texas Instruments LT1013MFKB Datasheet HTML 5Page - Texas Instruments LT1013MFKB Datasheet HTML 6Page - Texas Instruments LT1013MFKB Datasheet HTML 7Page - Texas Instruments LT1013MFKB Datasheet HTML 8Page - Texas Instruments LT1013MFKB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
LT1013, LT1013D, LT1013M, LT1013AM
www.ti.com
SLOS018I – MAY 1988 – REVISED JULY 2016
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Maximum power dissipation is a function of TJ(max), RθJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) − TA )/ RθJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variation in
individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be activated at power
levels slightly above or below the rated dissipation.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
(4)
RθJC(top) and RθJC(bot)thermal impedances are calculated in accordance with MIL-STD-883 for LCCC and CDIP
6.4 Thermal Information
THERMAL METRIC(1)
LT1013x
UNIT
D (SOIC)
P (PDIP)
FK (LCCC)
JG (CDIP)
8 PINS
8 PINS
20 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance(2)(3)
101.6
49.5
—
—
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
47.6
38.7
35.7(4)
58.5(4)
°C/W
RθJB
Junction-to-board thermal resistance
42
26.7
34.8
82.9
°C/W
ψJT
Junction-to-top characterization parameter
8.3
15.9
—
—
°C/W
ψJB
Junction-to-board characterization parameter
41.5
26.6
—
—
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
—
4.0(4)
10.8(4)
°C/W
(1)
Full range is 0°C to 70°C.
(2)
All typical values are at TA = 25°C.
6.5 Electrical Characteristics: LT1013C, ±15 V
at specified free-air temperature, VCC± = ±15 V, VIC = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP(2)
MAX
UNIT
VIO
Input offset voltage
RS = 50 Ω
25°C
60
300
µV
Full range
400
αVIO
Temperature coefficient of
input offset voltage
Full range
0.4
2.5
µV/°C
Long-term drift of input offset
voltage
25°C
0.5
µV/mo
IIO
Input offset current
25°C
0.2
1.5
nA
Full range
2.8
IIB
Input bias current
25°C
–15
–30
nA
Full range
–38
VICR
Common-mode input voltage
range
Recommended range
25°C
–15
13.5
V
Full range
–15
13
VOM
Maximum peak output
voltage swing
RL = 2 kΩ
25°C
±12.5
±14
V
Full range
±12
AVD
Large-signal differential
voltage amplification
VO = ±10 V, RL = 600 Ω
25°C
0.5
0.2
V/µV
VO = ±10 V, RL = 2 kΩ
25°C
1.2
7
Full range
0.7
CMRR
Common-mode rejection ratio
VIC = −15 V to 13.5 V
25°C
97
114
dB
VIC = −14.9 V to 13 V
Full range
94
kSVR
Supply-voltage rejection ratio
(ΔVCC/ΔVIO)
VCC+ = ±2 V to ±18 V
25°C
100
117
dB
Full range
97
Channel separation
VO = ±10 V, RL = 2 kΩ
25°C
120
137
dB
rid
Differential input resistance
25°C
70
300
MΩ
ric
Common-mode input
resistance
25°C
4
GΩ
ICC
Supply current per amplifier
25°C
0.35
0.55
mA
Full range
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com