Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013MFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LT1013MFKB Datasheet HTML 10Page - Texas Instruments LT1013MFKB Datasheet HTML 11Page - Texas Instruments LT1013MFKB Datasheet HTML 12Page - Texas Instruments LT1013MFKB Datasheet HTML 13Page - Texas Instruments LT1013MFKB Datasheet HTML 14Page - Texas Instruments LT1013MFKB Datasheet HTML 15Page - Texas Instruments LT1013MFKB Datasheet HTML 16Page - Texas Instruments LT1013MFKB Datasheet HTML 17Page - Texas Instruments LT1013MFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
60
40
20
0
10
100
1 k
10 k
80
100
f − Frequency − Hz
120
100 k
1 M
VCC+ = 5 V
VCC− = 0
TA = 25°C
VCC± = ±15 V
0.1
1
10
100
1 k
10 k
100 k
1 M
0
20
40
60
80
100
120
140
f − Frequency − Hz
Negative
Supply
Positive
Supply
VCC± = ±15 V
TA = 25°C
120
100
80
60
10
100
1 k
10 k
140
f − Frequency − Hz
160
100 k
1 M
Limited by
Thermal
Interaction
VCC± = ±15 V
VI(PP) = 20 V to 5 kHz
RL = 2 kΩ
TA = 25°C
RL = 1 kΩ
Limited by
Pin-to-Pin
Capacitance
RL = 100 Ω
1
0.1
0.01
10
TA − Free-Air Temperature − °C
−50
−25
0
25
50
75
100
125
Isink = 10 mA
Isink = 5 mA
Isink = 1 mA
Isink = 100 µA
Isink = 10 µA
Isink = 0
VCC+ = 5 V to 30 V
VCC− = 0
f − Frequency − MHz
0.01
0.3
1
3
10
240°
220°
200°
180°
160°
140°
120°
100°
80°
0
10
25
AVD
VCC+ = 5 V
VCC− = 0
VIC = 0
CL = 100 pF
TA = 25°C
20
15
5
VCC± = ±15 V
VCC+ = 5 V
VCC− = 0
VCC± = ±15 V
Phase Shift
−10
−5
−15
60
20
0
−20
100
120
140
80
40
f − Frequency − Hz
0.01 0.1
1
10
100
1 k
10 k 100 k 1 M 10 M
CL = 100 pF
TA = 25°C
VCC+ = 5 V
VCC− = 0
VCC± = ±15 V
14
LT1013, LT1013D, LT1013M, LT1013AM
SLOS018I – MAY 1988 – REVISED JULY 2016
www.ti.com
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
Figure 9. Differential Voltage Amplification and Phase Shift
vs Frequency
Figure 10. Differential Voltage Amplification vs Frequency
Figure 11. Channel Separation vs Frequency
Figure 12. Output Saturation Voltage vs Free-Air
Temperature
Figure 13. Common-Mode Rejection Ratio vs Frequency
Figure 14. Supply-Voltage Rejection Ratio vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com