Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1013MFKB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LT1013MFKB
Description  Dual Precision Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LT1013MFKB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LT1013MFKB Datasheet HTML 11Page - Texas Instruments LT1013MFKB Datasheet HTML 12Page - Texas Instruments LT1013MFKB Datasheet HTML 13Page - Texas Instruments LT1013MFKB Datasheet HTML 14Page - Texas Instruments LT1013MFKB Datasheet HTML 15Page - Texas Instruments LT1013MFKB Datasheet HTML 16Page - Texas Instruments LT1013MFKB Datasheet HTML 17Page - Texas Instruments LT1013MFKB Datasheet HTML 18Page - Texas Instruments LT1013MFKB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
t − Time − µs
0
4
6
8
10
60
80
12
14
40
20
2
0
VCC± = ±15 V
AV = 1
TA = 25°C
−40
−60
−80
−20
0
−5
−15
0
50
100 150
5
15
20
200 250 300 350
−10
10
VCC± = ±15 V
AV = 1
TA = 25°C
t − Time − µs
−20
1200
800
400
0
0
2
4
6
1600
t − Time − s
2000
8
10
VCC± = ±2 V to ±18 V
f = 0.1 Hz to 10 Hz
TA = 25°C
100
1000
300
1
10
f − Frequency − Hz
30
10
100
VCC± = ±2 V to ±18 V
TA = 25°C
1/f Corner = 2 Hz
In
Vn
1k
0
1
t − Elapsed Time − min
2
3
TA = −55°C
VCC = 15 V
TA = 25°C
TA = 125°C
TA = 125°C
TA = 25°C
TA = −55°C
−10
−20
−30
−40
30
20
10
0
40
TA − Free-Air Temperature − °C
0
25
50
75
100
125
260
300
340
380
420
460
−50
VCC = 15 V
VCC+ = 5 V, VCC− = 0
−25
15
LT1013, LT1013D, LT1013M, LT1013AM
www.ti.com
SLOS018I – MAY 1988 – REVISED JULY 2016
Product Folder Links: LT1013 LT1013D LT1013M LT1013AM
Submit Documentation Feedback
Copyright © 1988–2016, Texas Instruments Incorporated
Figure 15. Supply Current vs Free-Air Temperature
Figure 16. Short-Circuit Output Current vs Elapsed Time
Figure 17. Equivalent Input Noise Voltage and Equivalent
Input Noise Current vs Frequency
Figure 18. Peak-to-Peak Input Noise Voltage Over a
10-Second Period
Figure 19. Voltage-Follower Small-Signal Pulse Response
Figure 20. Voltage-Follower Large-Signal Pulse Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com