Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027AMFKB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2027AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2027AMFKB Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLE2027AMFKB Datasheet HTML 25Page - Texas Instruments TLE2027AMFKB Datasheet HTML 26Page - Texas Instruments TLE2027AMFKB Datasheet HTML 27Page - Texas Instruments TLE2027AMFKB Datasheet HTML 28Page - Texas Instruments TLE2027AMFKB Datasheet HTML 29Page - Texas Instruments TLE2027AMFKB Datasheet HTML 30Page - Texas Instruments TLE2027AMFKB Datasheet HTML 31Page - Texas Instruments TLE2027AMFKB Datasheet HTML 32Page - Texas Instruments TLE2027AMFKB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
29
www.ti.com
TYPICAL CHARACTERISTICS
Figure 49
56°
54°
52°
50°
48°
46°
44°
20
18
16
14
12
10
8
6
4
2
58°
22
| VCC± | − Supply Voltage − V
42°
0
RL = 2 kΩ
CL = 100 pF
TA = 25
°C
See Figure 3
TLE2027
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 50
0
⎟ VCC±⎟ − Supply Voltage − V
2
46
8
10 12 14 16 18 20
38°
40°
42°
44°
46°
48°
50°
52°
TA = 25°C
CL = 100 pF
AVD = 5
RL = 2 kΩ
TLE2037
PHASE MARGIN
vs
SUPPLY VOLTAGE
Figure 51
1000
40°
20°
60°
CL − Load Capacitance − pF
100
TLE2027
PHASE MARGIN
vs
LOAD CAPACITANCE
VCC± = ±15 V
RL = 2 kΩ
TA = 25
°C
See Figure 3
10°
30°
50°
Figure 52
100
CL − Load Capacitance − pF
10000
1000
10°
20°
30°
40°
50°
60°
VCC ± = ± 15 V
RL = 2 kΩ
TA = 25
°C
TLE2037
PHASE MARGIN
vs
LOAD CAPACITANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com