Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027AMFKB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2027AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2027AMFKB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLE2027AMFKB Datasheet HTML 9Page - Texas Instruments TLE2027AMFKB Datasheet HTML 10Page - Texas Instruments TLE2027AMFKB Datasheet HTML 11Page - Texas Instruments TLE2027AMFKB Datasheet HTML 12Page - Texas Instruments TLE2027AMFKB Datasheet HTML 13Page - Texas Instruments TLE2027AMFKB Datasheet HTML 14Page - Texas Instruments TLE2027AMFKB Datasheet HTML 15Page - Texas Instruments TLE2027AMFKB Datasheet HTML 16Page - Texas Instruments TLE2027AMFKB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
13
www.ti.com
TLE20x7Y operating characteristics at specified free-air temperature, VCC ± = ±15 V
PARAMETER
TEST CONDITIONS
TLE20x7Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SR
Slew rate at unity gain
RL = 2 kΩ,CL = 100 pF,
TLE2027
2.8
V/ s
SR
Slew rate at unity gain
RL = 2 kΩ, CL = 100 pF,
See Figure 1
TLE2037
7.5
V/μs
V
Equivalent input noise voltage (see Figure 2)
RS = 20 Ω, f = 10 Hz
3.3
nV/√Hz
Vn
Equivalent input noise voltage (see Figure 2)
RS = 20 Ω, f = 1 kHz
2.5
nV/√Hz
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
50
nV
I
Equivalent input noise current
f = 10 Hz
10
pA/√Hz
In
Equivalent input noise current
f = 1 kHz
0.8
pA/√Hz
THD
Total harmonic distortion
VO = +10 V, AVD = 1,
See Note 5
TLE2027
< 0.002%
THD
Total harmonic distortion
VO = +10 V, AVD = 5,
See Note 5
TLE2037
< 0.002%
B
Unity gain bandwidth (see Figure 3)
R
2 kΩ
C
100 pF
TLE2027
13
MHz
B1
Unity-gain bandwidth (see Figure 3)
RL = 2 kΩ,CL = 100 pF
TLE2037
50
MHz
B
Maximum output swing bandwidth
R
2 kΩ
TLE2027
30
kHz
BOM
Maximum output-swing bandwidth
RL = 2 kΩ
TLE2037
80
kHz
φ
Phase margin at unity gain (see Figure 3)
R
2 kΩ
C
100 pF
TLE2027
55
°
φm
Phase margin at unity gain (see Figure 3)
RL = 2 kΩ,CL = 100 pF
TLE2037
50
°
NOTE 5: Measured distortion of the source used in the analysis was 0.002%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com