Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2027AMFKB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2027AMFKB
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2027AMFKB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLE2027AMFKB Datasheet HTML 10Page - Texas Instruments TLE2027AMFKB Datasheet HTML 11Page - Texas Instruments TLE2027AMFKB Datasheet HTML 12Page - Texas Instruments TLE2027AMFKB Datasheet HTML 13Page - Texas Instruments TLE2027AMFKB Datasheet HTML 14Page - Texas Instruments TLE2027AMFKB Datasheet HTML 15Page - Texas Instruments TLE2027AMFKB Datasheet HTML 16Page - Texas Instruments TLE2027AMFKB Datasheet HTML 17Page - Texas Instruments TLE2027AMFKB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
TLE2027, TLE2037, TLE2027A, TLE2037A, TLE2027Y, TLE2037Y
EXCALIBUR LOW-NOISE HIGH-SPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS192C − FEBRUARY 1997 − REVISED APRIL 2010
14
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VO
20 Ω
20 Ω
2 kΩ
− 15 V
15 V
+
RL = 2 kΩ
CL =
100 pF
(see Note A)
VO
− 15 V
VI
+
15 V
Rf
NOTE A: CL includes fixture capacitance.
RI
Figure 1. Slew-Rate Test Circuit
Figure 2. Noise-Voltage Test Circuit
VO
2 kΩ
CL =
100 pF
(see Note A)
10 kΩ
100 Ω
VI
−15 V
15 V
+
VO
2 kΩ
− 15 V
15 V
+
VI
CL =
100 pF
(see Note A)
NOTES: A. CL includes fixture capacitance.
NOTE A: CL includes fixture capacitance.
B. For the TLE2037 and TLE2037A,
AVD must be ≥ 5.
Rf
RI
Figure 3. Unity-Gain Bandwidth and
Figure 4. Small-Signal Pulse-
Phase-Margin Test Circuit (TLE2027 Only)
Response Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com