Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8555 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 53 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 49Page - Texas Instruments LP8555 Datasheet HTML 50Page - Texas Instruments LP8555 Datasheet HTML 51Page - Texas Instruments LP8555 Datasheet HTML 52Page - Texas Instruments LP8555 Datasheet HTML 53Page - Texas Instruments LP8555 Datasheet HTML 54Page - Texas Instruments LP8555 Datasheet HTML 55Page - Texas Instruments LP8555 Datasheet HTML 56Page - Texas Instruments LP8555 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
LP8555
SW_A
FB_A
VLDO
GNDs
EN/VDDIO
ISET/SCL
PWM/INT
LEDA1
LEDA2
LEDA3
LEDA4
LEDB3
LEDB4
L1
D1
7 - 28V
2.7V ± 20V
CVLDO
VDD
VBATT
FSET/SDA
LEDB5
LEDB6
SW_B
FB_B
L2
D2
2.7V ± 20V
VBATT
LEDA5
LEDA6
LEDB1
LEDB2
1.3 ”9OUT / VIN ”10
VOUT_A
7 - 28V
1.3 ”9OUT / VIN ”10
VOUT_B
CVDD
EN
SDA
SCL
VDDIO
RPULL-UP
INT
RPULL-UP
LCD Display
COUT_A
CIN_A
COUT_B
CIN_B
LP8555
www.ti.com
SNVS857 – FEBRUARY 2014
9.2.4 Application With 12 LED Strings, I2C Brightness Control
In the following example full 12 channels are used with I2C brightness control. PWM/INT terminal is used for
interrupt signal, notifying processor on possible fault conditions. LED current and PWM frequency are set with
I2C writes, or default EPROM values can be used as well. Component selection and performance plots follow the
examples shown in first application example with default EPROM configuration. Configuration registers can be
set before backlight is enabled, so special pre-set EPROM is not necessarily needed. Details on I2C registers
and EPROM settings are seen in the Register Map section. If custom EPROM is required, please contact TI
Sales representative for availability.
9.2.4.1 Schematic
Figure 51. Application Example With 12 LED Strings, I2C Brightness Control
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com