Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP8555 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # LP8555
Description  LP8555 High-Efficiency LED Backlight Driver for Tablet PCs
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8555 Datasheet(HTML) 55 Page - Texas Instruments

Back Button LP8555 Datasheet HTML 51Page - Texas Instruments LP8555 Datasheet HTML 52Page - Texas Instruments LP8555 Datasheet HTML 53Page - Texas Instruments LP8555 Datasheet HTML 54Page - Texas Instruments LP8555 Datasheet HTML 55Page - Texas Instruments LP8555 Datasheet HTML 56Page - Texas Instruments LP8555 Datasheet HTML 57Page - Texas Instruments LP8555 Datasheet HTML 58Page - Texas Instruments LP8555 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
LP8555
www.ti.com
SNVS857 – FEBRUARY 2014
11 Layout
11.1 Layout Guidelines
In Layout Example is a layout recommendation for LP8555. The figure is used for demonstrating the principle of
good layout. This layout can be adapted to the actual application layout if/where possible.
It is important that all boost components are close to the chip and the high current traces should be wide enough.
By placing one boost component on one side of the chip it is easy to keep the ground plane intact below the high
current paths. This way other chip terminals can be routed more easily without splitting the ground plane. VDD
and VLDO need to be as noise-free as possible. Place the bypass capacitors near the corresponding terminals
and ground them to as noise-free ground as possible.
Here are some main points to help the PCB layout work:
•
Current loops need to be minimized:
–
For low frequency the minimal current loop can be achieved by placing the boost components as close to
the SW and SW_GND terminals as possible. Input and output capacitor grounds need to be close to each
other to minimize current loop size.
–
Minimal current loops for high frequencies can be achieved by making sure that the ground plane is intact
under the current traces. High frequency return currents try to find route with minimum impedance, which
is the route with minimum loop area, not necessarily the shortest path. Minimum loop area is formed when
return current flows just under the “positive” current route in the ground plane, if the ground plane is intact
under the route. Traces from inner pads of the LP8555 need to be routed from below the part in the inner
layer so that traces do not split the ground plane under the boost traces or components.
•
GND plane needs to be intact under the high current boost traces to provide shortest possible return path and
smallest possible current loops for high frequencies.
•
Current loops when the boost switch is conducting and not conducting needs to be on the same direction in
optimal case.
•
Inductor placement should be so that the current flows in the same direction as in the current loops. Rotating
inductor 180° changes current direction.
•
Use separate power and noise free grounds. Power ground is used for boost converter return current and
noise free ground for more sensitive signals, like VDD and VLDO bypass capacitor grounding as well as
grounding the GND terminals of LP8555 itself.
•
Boost output feedback voltage to LEDs need to be taken out “after” the output capacitors, not straight from
the diode cathode.
•
A small (for example, 39 pF) bypass capacitor should be placed close to the FB terminal(s) to suppress high
frequency noise
•
VDD line should be separated from the high current supply path to the boost converter(s) to prevent high
frequency ripple affecting the chip behavior. A separate 1-µF bypass capacitor is used for the VDD terminal,
and it is grounded to noise-free ground.
•
Input and output capacitors need strong grounding (wide traces, many vias to GND plane)
•
If two output capacitors are used they need symmetrical layout to get both capacitors working ideally
•
Output capacitors DC-bias effect. If the output capacitance is too low, it can cause boost to become instable
on some loads and this increases EMI. DC bias characteristics need to be obtained from the component
manufacturer; it is not taken into account on component tolerance. X5R/X7R capacitors are recommended.
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: LP8555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com