Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2422CPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLV2422CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2422CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV2422CPWR Datasheet HTML 12Page - Texas Instruments TLV2422CPWR Datasheet HTML 13Page - Texas Instruments TLV2422CPWR Datasheet HTML 14Page - Texas Instruments TLV2422CPWR Datasheet HTML 15Page - Texas Instruments TLV2422CPWR Datasheet HTML 16Page - Texas Instruments TLV2422CPWR Datasheet HTML 17Page - Texas Instruments TLV2422CPWR Datasheet HTML 18Page - Texas Instruments TLV2422CPWR Datasheet HTML 19Page - Texas Instruments TLV2422CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
TLV2422, TLV2422A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199C – SEPTEMBER1997 – REVISED APRIL 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
DISTRIBUTION OF TLV2422
INPUT OFFSET VOLTAGE
16
14
12
10
8
6
4
2
0
–0.4
VIO – Input Offset Voltage – mV
452 Amplifiers from 1 Wafer Lot
18
–0.3
VDD = 3 V
RL = 10 kΩ
TA = 25°C
–0.2 –0.1 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7
Figure 3
454 Amplifiers from 1 Wafer Lot
DISTRIBUTION OF TLV2422
INPUT OFFSET VOLTAGE
20
15
10
5
0
VDD = 5 V
RL = 10 kΩ
TA = 25°C
–0.4
VIO – Input Offset Voltage – mV
–0.3 –0.2 –0.1 0
0.1 0.2 0.3 0.4 0.5 0.6
Figure 4
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
–0.5
2
1
0
–1
–2
0
0.5
1
2.5
3
VIC – Common-Mode Input Voltage – V
2
1.5
VDD = 3 V
0.5
–0.5
–1.5
1.5
Figure 5
VDD = 5 V
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
2
1
0
–1
–2
1.5
0.5
–0.5
–1.5
–0.5
0
0.5
1
2.5
5
VIC – Common-Mode Input Voltage – V
2
1.5
3
4.5
4
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com