Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2422CPWR Datasheet(PDF) 19 Page - Texas Instruments

Part # TLV2422CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2422CPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLV2422CPWR Datasheet HTML 15Page - Texas Instruments TLV2422CPWR Datasheet HTML 16Page - Texas Instruments TLV2422CPWR Datasheet HTML 17Page - Texas Instruments TLV2422CPWR Datasheet HTML 18Page - Texas Instruments TLV2422CPWR Datasheet HTML 19Page - Texas Instruments TLV2422CPWR Datasheet HTML 20Page - Texas Instruments TLV2422CPWR Datasheet HTML 21Page - Texas Instruments TLV2422CPWR Datasheet HTML 22Page - Texas Instruments TLV2422CPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
TLV2422, TLV2422A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199C – SEPTEMBER1997 – REVISED APRIL 2001
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
2
20
–5
–20
–30
34
56
7
VDD – Supply Voltage – V
10
–10
–25
–15
15
VO = VDD/2
VIC = VDD/2
TA = 25°C
30
0
5
25
89
10
Figure 15
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
–55
2
–4
–8
0
70
125
0
–6
–2
–40
25
85
VDD = 5 V
8
6
4
VID = –100 mV
VID = 100 mV
TA – Free-Air Temperature – °C
Figure 16
DIFFERENTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE
0
0
–600
–1000
12
3
–200
–800
–400
0.5
1.5
2.5
600
400
200
VO – Output Voltage – V
1000
800
VDD = 3 V
RL = 10 kΩ
TA = 25°C
Figure 17
01
2
3
4
5
VDD = 5 V
RL = 10 kΩ
TA = 25°C
0
–600
–1000
–200
–800
–400
600
400
200
1000
800
VO – Output Voltage – V
DIFFERENTIAL INPUT VOLTAGE
vs
OUTPUT VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com