Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2422CPWR Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2422CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2422CPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2422CPWR Datasheet HTML 18Page - Texas Instruments TLV2422CPWR Datasheet HTML 19Page - Texas Instruments TLV2422CPWR Datasheet HTML 20Page - Texas Instruments TLV2422CPWR Datasheet HTML 21Page - Texas Instruments TLV2422CPWR Datasheet HTML 22Page - Texas Instruments TLV2422CPWR Datasheet HTML 23Page - Texas Instruments TLV2422CPWR Datasheet HTML 24Page - Texas Instruments TLV2422CPWR Datasheet HTML 25Page - Texas Instruments TLV2422CPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
TLV2422, TLV2422A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE MICROPOWER DUAL OPERATIONAL AMPLIFIERS
SLOS199C – SEPTEMBER1997 – REVISED APRIL 2001
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 23
OUTPUT IMPEDANCE
vs
FREQUENCY
1000
100
10
1
f – Frequency – Hz
102
103
105
VDD = 3 V
TA = 25°C
104
AV = 10
AV = 1
AV = 100
Figure 24
OUTPUT IMPEDANCE
vs
FREQUENCY
1000
100
10
1
f – Frequency – Hz
102
103
105
VDD = 5 V
TA = 25°C
104
AV = 10
AV = 1
AV = 100
Figure 25
80
40
0
f – Frequency – Hz
100
60
20
102
103
106
TA = 25°C
104
105
VDD = 3 V
VDD = 5 V
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
Figure 26
COMMON-MODE REJECTION RATIO
vs
FREE-AIR TEMPERATURE
–55
91
90
88
86
84
–40
25
70
85
125
TA – Free-Air Temperature – °C
89
87
85
0
94
93
92
VDD = 3 V
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com