Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3875 Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS3875
Description  Futurebusa??Arbitration Controller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS3875 Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DS3875 Datasheet HTML 33Page - National Semiconductor (TI) DS3875 Datasheet HTML 34Page - National Semiconductor (TI) DS3875 Datasheet HTML 35Page - National Semiconductor (TI) DS3875 Datasheet HTML 36Page - National Semiconductor (TI) DS3875 Datasheet HTML 37Page - National Semiconductor (TI) DS3875 Datasheet HTML 38Page - National Semiconductor (TI) DS3875 Datasheet HTML 39Page - National Semiconductor (TI) DS3875 Datasheet HTML 40Page - National Semiconductor (TI) DS3875 Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 58 page
background image
70 Register Description (Continued)
78 STATE
(ADD(30) e 0110)
This register contains the present state of the arbitration controller This information may be used for testing and debugging
purposes Defaults to h 01
76543210
ST5
ST4
ST3
ST2
ST1
ST0
Bit
Symbol
Description
0 – 5
ST(05)
These bits indicate the current phase of the arbitration controller
79 STATUS
(ADD(30) e 0111)
This register contains status information and internal counterdivider test bits The M C W bits default to zero The counter test
bits may be evaluated when feeding in a test clock
76543210
M
C
W
CT2
CT1
CT0
Bit
Symbol
Description
2 – 4
CT(02)
Counter test bits
CT2set to one when 1 ms timeout occurs
CT1set to one when divide by 40 divider has divided 40 times
CT0set to one when divide by n divider has divided n times
5
W
Win attribute of the module A ‘‘one’’ indicates that the module is the winner of the current
arbitration cyclepass
6
C
Competitor attribute of the module A ‘‘one’’ indicates that the module is competing for the bus
7
M
Master attribute of the module A ‘‘one’’ indicates that the module is the current master of the
bus
710 RXCN0
(ADD(30) e 1000)
This register stores the received pass 1 arbitration number of a two pass number (CN e 0) Defaults to h 00
7
6
543210
0P7P6P5P4P3P2P1
Bit
Symbol
Description
0 – 6
P(17)
Priority field of the current mastermaster elect arbitration number This register is used only if
the controller is configured to arbitrate in Unrestricted two pass mode
7
0
This field is fixed at zero as specified in the Futurebusa spec for the pass 1 number of a two
pass arbitration
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com