Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC21 Datasheet(PDF) 34 Page - Texas Instruments

Part # TLV320AIC21
Description  Low-Power, Highly-Integrated, Programmable 16-Bit, 26-KSPS, Dual-Channel CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC21 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TLV320AIC21 Datasheet HTML 30Page - Texas Instruments TLV320AIC21 Datasheet HTML 31Page - Texas Instruments TLV320AIC21 Datasheet HTML 32Page - Texas Instruments TLV320AIC21 Datasheet HTML 33Page - Texas Instruments TLV320AIC21 Datasheet HTML 34Page - Texas Instruments TLV320AIC21 Datasheet HTML 35Page - Texas Instruments TLV320AIC21 Datasheet HTML 36Page - Texas Instruments TLV320AIC21 Datasheet HTML 37Page - Texas Instruments TLV320AIC21 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
www.ti.com
1
1
1
D11
0
1
1
1
X
1
DIN (Read)
DIN (Write)
Don’t care
D15
D15
D13
D14
D13
D14
0
D9
D10
D11
DOUT (Read)
D15
D13
D14
D12
Data to be Written Into Register
D7 - D0
D7 - D0
D7 - D0
R/W Broadcast
Register
Address
Register
Address
SMARTDM Device
Address
Register Content
Master FS
DIN
Master
Slave2
Slave1
Slave0
Master
Slave2
Slave1
Slave0
Master
Slave2
Slave1
Slave0
Slave0
Write
Command
Reg Addr (D15-D13)
R/W (D12)
Broadcast (D11)
D10-D8
001
0
1
111
010
0
1
111
100
0
1
111
110
0
1
111
Data Frame
Control Frame
Time Slot
AIC20 #1
AIC20 #2
AIC20 #1
AIC20 #2
Data Frame
Host Port Interface
TLV320AIC20, TLV320AIC21
TLV320AIC24, TLV320AIC25
TLV320AIC20K, TLV320AIC24K
SLAS363D – MARCH 2002 – REVISED APRIL 2005
Figure 29. Control Frame Data Format
A.
NOTE: In this example, the broadcast operation (D11 = 1) is used to program the four control registers of Reg.1,
Reg.2, Reg.4, and Reg.6 in all four DSP codecs of two TLV320AIC2xs in cascade (Master, Slave2, Slave1, and
Slave0) during the same frame (i.e., register 1 of the four codecs contains the same data).
The host port uses a 2-wire serial interface (SCL, SDA) to program channel six of each of the codec control
registers, and selectable protocol between S
2C mode and I2C mode. The S2C is a write-only mode, and the I2C
is a read-write mode selected by bits D1-D0 (HPC bits) of control register 2. If the host interface is not needed,
the two pins of SCL and SDA can be programmed to become general-purpose I/Os. If selected to be used as I/O
pins, the SDA and SCL pins become output and input pins respectively, determined by D1 and D0.
Both S
2C and I2C require a SMARTDM device address to communicate with the AIC2x. One of SMARTDM's
advanced features is the automatic cascade detection (ACD) that enables SMARTDM to automatically detect the
total number of codecs in the serial connection and use this information to assign each codec a distinct
SMARTDM device address. Table 2 lists device addresses assigned to each codec in the cascade by the
SMARTDM. The master always has the highest position in the cascade. For example in Figure 20, there is a
total of 4 codecs in the cascade (i.e., one master and 3 slaves), then the device addresses in row 4 are used in
which the master is codec 1 with a device address of 0000.
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com