| Electronic Components Datasheet Search |
|
TLV320AIC21 Datasheet(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV320AIC21 Datasheet(HTML) 35 Page - Texas Instruments |
|
35 / 56 page ![]() www.ti.com D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SCL SDA Start Bit = 0 Stop Bit = 1 SMARTDM Device Address (see Table 3-1) Register Address Register Content TLV320AIC20, TLV320AIC21 TLV320AIC24, TLV320AIC25 TLV320AIC20K, TLV320AIC24K SLAS363D – MARCH 2002 – REVISED APRIL 2005 Table 2. SMARTDM Device Addresses TOTAL CHANNELS POSITION IN CASCADE (1 CODEC HAS 2 CHANNELS) CHAN- 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 NELS 1 0000 2 0001 0000 3 0010 0001 0000 4 0011 0010 0001 0000 5 0100 0011 0010 0001 0000 6 0101 0100 0011 0010 0001 0000 7 0110 0101 0100 0011 0010 0001 0000 8 0111 0110 0101 0100 0011 0010 0001 0000 9 1000 0111 0110 0101 0100 0011 0010 0001 0000 10 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 11 1010 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 12 1011 1010 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 13 1100 1011 1010 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 14 1101 1100 1011 1010 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 15 1110 1101 1100 1011 1010 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 16 1111 1110 1101 1100 1011 1010 1001 1000 0111 0110 0101 0100 0011 0010 0001 0000 S2C (Start-Stop Communication) The S 2C is a write-only interface selected by programming bits D1-D0 of control register 2 to 01. The SDA input is normally in a high state, pulled low (START bit) to start the communication, and pulled high (STOP bit) after the transmission of the LSB. Figure 30 shows the timing diagram of S 2C. The S2C also supports a broadcast mode in which the same register of all devices in cascade is programmed in a single write. To use S 2C's broadcast mode, execute the following steps: 1. Write 111 1000 1111 1111 after the start bit to enable the broadcast mode. 2. Write data to program control register as specified in Figure 30 with bits D14-D11 = XXXX (don't care). 3. Write 111 1000 0000 0000 after the start bit to disable the broadcast mode. Figure 30. S2C Programming 35 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |