Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811DR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811DR
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811DR Datasheet(HTML) 19 Page - Texas Instruments

Back Button UCC28811DR Datasheet HTML 15Page - Texas Instruments UCC28811DR Datasheet HTML 16Page - Texas Instruments UCC28811DR Datasheet HTML 17Page - Texas Instruments UCC28811DR Datasheet HTML 18Page - Texas Instruments UCC28811DR Datasheet HTML 19Page - Texas Instruments UCC28811DR Datasheet HTML 20Page - Texas Instruments UCC28811DR Datasheet HTML 21Page - Texas Instruments UCC28811DR Datasheet HTML 22Page - Texas Instruments UCC28811DR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
+
OUT
IN
FB/NC
NC
GND
UCC28810
UCC28811
www.ti.com.............................................................................................................................................................................................. SLUS865 – OCTOBER 2008
Secondary Bias Regulator
Normally, only D11 is needed for a secondary bias supply to charge the bias capacitor, C9, during the switch-on
time, based on the turns ratio between the output and bias winding. U2 provides a stable 5-V bias for the
secondary-side circuitry. For this application, D12, D13, D14 are added to provide a copy of the input voltage on
the secondary side during the switch on time. This input waveform is divided down and filtered to remove the
switching frequency waveform by R22, R25, and C17. The signal is then offset by R23 and fed into a
comparator, U5, shown in Figure 23, to detect triac dimming and adjust the feedback loop.
Figure 22. Secondary Bias Regulator Schematic
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com