Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28811DR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28811DR
Description  LED LIGHTING POWER CONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28811DR Datasheet(HTML) 4 Page - Texas Instruments

  UCC28811DR Datasheet HTML 1Page - Texas Instruments UCC28811DR Datasheet HTML 2Page - Texas Instruments UCC28811DR Datasheet HTML 3Page - Texas Instruments UCC28811DR Datasheet HTML 4Page - Texas Instruments UCC28811DR Datasheet HTML 5Page - Texas Instruments UCC28811DR Datasheet HTML 6Page - Texas Instruments UCC28811DR Datasheet HTML 7Page - Texas Instruments UCC28811DR Datasheet HTML 8Page - Texas Instruments UCC28811DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
ELECTRICAL CHARACTERISTICS
UCC28810
UCC28811
SLUS865 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
–40°C
≤ TA = TJ ≤ 105°C, VVDD = 12 VDC, CGDRV = 0.1-µF from VDD to GND, all voltages are with respect to GND.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VVDD
Operating voltage
18
V
Shunt voltage
IVDD = 25 mA
18
19
20
Supply current, off
VVDD = VVDD turn-on threshold –300 mV
75
125
µA
Supply current, disabled
VVSENSE = 0.5 V
2
4
IVDD
Supply current, on
75 kHz, CGDRV = 0 nF
4
6
mA
Supply current, dynamic operating
75 kHz, CGDRV = 1 nF
5
7
UVLO
UCC28810
15.4
15.8
16.4
VDD turn-on threshold
UCC28811
12.0
12.5
13.0
V
VDD turn-off threshold
9.4
9.7
10.0
UCC28810
5.8
6.3
6.8
VUVLO
UVLO hysteresis
V
UCC28811
2.3
2.8
3.3
VOLTAGE AMPLIFIER (VSENSE)
VREF
Internal voltage reference
2.45
2.50
2.55
V
IBIAS
Input bias current
0.5
µA
EAOUT high
VVSENSE = 2.1 V
4.5
5.5
V
EAOUT low
VVSENSE = 2.55 V
1.80
2.45
V
gM
Transconductance
TJ = 25°C, VEAOUT = 3.5 V
60
90
130
µS
UCC28810
–0.2
–1.0
mA
IEAOUT,SRC Source current
VVSENSE = 2.1 V, VEAOUT = 3.5 V
UCC28811
–200
–300
–400
µA
IEAOUT,SNK Sink current
VVSENSE = 2.1 V, VEAOUT = 3.5 V
0.2
1.0
mA
OVERVOLTAGE PROTECTION / ENABLE (VSENSE)
VVREF+
VVREF
VVREF
UCC28810
0.165
+0.190
+0.210
VOV(ref)
Overvoltage reference
V
VVREF+
VVREF+
VVREF+
UCC28811
0.150
0.180
0.210
UCC28810
175
200
225
Hysteresis
mV
UCC28811
150
180
210
UCC28810
0.62
0.67
0.72
Enable threshold
V
UCC28811
0.18
0.23
0.28
Enable hysteresis
0.05
0.10
0.20
V
CURRENT REFERENCE GENERATOR
K
Current reference generator gain constant
VVINS = 0.5 V, VEAOUT = 3.5 V
0.43
0.65
0.87
1/V
Dynamic input range, VVINS INPUT
0 to 2.5
0 to 3.5
V
2.5 to
2.5 to
VEAOUT
Error amplifier dynamic input range
V
3.8
4.0
Input bias current, VINS
0.1
1.0
µA
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC28810 UCC28811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com