Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8024TT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA8024TT
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024TT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA8024TT Datasheet HTML 1Page - NXP Semiconductors TDA8024TT Datasheet HTML 2Page - NXP Semiconductors TDA8024TT Datasheet HTML 3Page - NXP Semiconductors TDA8024TT Datasheet HTML 4Page - NXP Semiconductors TDA8024TT Datasheet HTML 5Page - NXP Semiconductors TDA8024TT Datasheet HTML 6Page - NXP Semiconductors TDA8024TT Datasheet HTML 7Page - NXP Semiconductors TDA8024TT Datasheet HTML 8Page - NXP Semiconductors TDA8024TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
2004 July 12
5
Philips Semiconductors
Product specification
IC card interface
TDA8024
6
BLOCK DIAGRAM
mdb051
100 nF
100 nF
100 nF
100 nF
100 nF
100 nF
I/O
TRANSCEIVER
I/O
TRANSCEIVER
I/O
TRANSCEIVER
THERMAL
PROTECTION
VCC
GENERATOR
RST
BUFFER
CLOCK
BUFFER
SEQUENCER
CLOCK
CIRCUITRY
OSCILLATOR
HORSEQ
INTERNAL OSCILLATOR
2.5 MHz
DC/DC CONVERTER
INTERNAL
REFERENCE
VOLTAGE SENSE
SUPPLY
EN2
PVCC
EN5
EN4
EN3
CLK
EN1 CLKUP
ALARM
Vref
21
VDD
6
VDDP
75
S1
S2
8
4 PGND
VUP
17 VCC
16
14
RST
CGND
PRES
10
9
PRES
15
CLK
13
12
11
AUX1
AUX2
I/O
22
GND
26
28
27
I/OUC
AUX2UC
AUX1UC
25
24
2
1
3
19
20
23
18
(1)
XTAL2
XTAL1
CLKDIV2
CLKDIV1
5V/3V
CMDVCC
RSTIN
OFF
TDA8024
POWER_ON
VDD
R1
R2
PORADJ
Fig.1 Block diagram.
(1) Optional external resistor bridge. If this bridge is not required pin 18 should be connected to ground; see Section 8.2.2. Pin 18 is not connected
in the TDA8024AT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com