Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8024TT Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA8024TT
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024TT Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA8024TT Datasheet HTML 12Page - NXP Semiconductors TDA8024TT Datasheet HTML 13Page - NXP Semiconductors TDA8024TT Datasheet HTML 14Page - NXP Semiconductors TDA8024TT Datasheet HTML 15Page - NXP Semiconductors TDA8024TT Datasheet HTML 16Page - NXP Semiconductors TDA8024TT Datasheet HTML 17Page - NXP Semiconductors TDA8024TT Datasheet HTML 18Page - NXP Semiconductors TDA8024TT Datasheet HTML 19Page - NXP Semiconductors TDA8024TT Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
2004 July 12
16
Philips Semiconductors
Product specification
IC card interface
TDA8024
9
LIMITING VALUES
Notes
1. All card contacts are protected against any short-circuit with any other card contact.
2. Every pin withstands the ESD test according to MIL-STD-883C class 3 for card contacts, class 2 for the remaining.
Method 3015 (HBM; 1500
Ω and 100 pF) 3 pulses positive and 3 pulses negative on each pin referenced to ground.
3. In accordance with EIA/JESD22-A114-B, June 2000.
4. In accordance with EIA/JESD22-A115-A, October 1997.
10 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
11 THERMAL CHARACTERISTICS
Note
1. This figure was obtained using the following PCB technology: FR, 4 layers, 0.5 mm thickness, class 5, copper
thickness 35
µm, Ni/Go plating, ground plane in internal layers
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+6.5
V
VDDP
DC/DC converter supply voltage
−0.3
+6.5
V
VI, VO
voltage on input and output pins
pins XTAL1, XTAL2, 5V/3V, RSTIN,
AUX1UC, AUX2UC, I/OUC,
CLKDIV1, CLKDIV2, CMDVCC, OFF
and PORADJ
−0.3
+6.5
V
Vcard
voltage on card pins
pins PRES, PRES, I/O, RST, AUX1,
AUX2 and CLK
−0.3
+6.5
V
Vn
voltage on other pins
pins VUP, S1 and S2
−0.3
+6.5
V
Tj(max)
maximum junction temperature
−
150
°C
Tstg
storage temperature
−55
+150
°C
Vesd
electrostatic discharge voltage
card contacts in typical application;
notes 1 and 2
pins I/O, RST, VCC, AUX1, AUX2,
CLK, PRES and PRES
−6+6
kV
all pins; note 1
human body model; notes 2 and 3
−2+2
kV
machine model; note 4
−200
+200
V
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-a)
thermal resistance from junction
to ambient
in free air
TDA8024T
70
K/W
TDA8024AT
70
K/W
TDA8024TT
100(1)
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com