Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8024TT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA8024TT
Description  IC card interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8024TT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA8024TT Datasheet HTML 10Page - NXP Semiconductors TDA8024TT Datasheet HTML 11Page - NXP Semiconductors TDA8024TT Datasheet HTML 12Page - NXP Semiconductors TDA8024TT Datasheet HTML 13Page - NXP Semiconductors TDA8024TT Datasheet HTML 14Page - NXP Semiconductors TDA8024TT Datasheet HTML 15Page - NXP Semiconductors TDA8024TT Datasheet HTML 16Page - NXP Semiconductors TDA8024TT Datasheet HTML 17Page - NXP Semiconductors TDA8024TT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
2004 July 12
14
Philips Semiconductors
Product specification
IC card interface
TDA8024
8.9
VCC generator
The VCC generator has a capacity to supply up to 80 mA
continuously at 5 V and 65 mA at 3 V.
An internal overload detector operates at approximately
120 mA. Current samples to the detector are internally
filtered, allowing spurious current pulses up to 200 mA
with a duration in the order of
µs to be drawn by the card
without causing deactivation. The average current must
stay below the specified maximum current value.
For reasons of VCC voltage accuracy, a 100 nF capacitor
with an ESR < 100 m
Ω should be tied to CGND near to
pin VCC, and a 100 or 220 nF capacitor (220 nF is the best
choice) with the same ESR should be tied to CGND near
card reader contact C1.
8.10
Fault detection
The following fault conditions are monitored:
• Short-circuit or high current on VCC
• Removal of a card during a transaction
• VDD dropping
• DC/DC converter operating out of the specified values
(VDDP too low or current from VUP too high)
• Overheating.
There are two different cases (see Fig.10):
• CMDVCC HIGH outside a card session. Output OFF
is LOW if a card is not in the card reader, and HIGH if a
card is in the reader. A voltage drop on the VDD supply
is detected by the supply supervisor, this generates an
internal Power-on reset pulse but does not act upon
OFF. No short-circuit or overheating is detected
because the card is not powered-up.
• CMDVCC LOW within a card session. Output OFF
goes LOW when a fault condition is detected. As soon
as this occurs, an emergency deactivation is performed
automatically (see Fig.11). When the system controller
resets CMDVCC to HIGH it may sense the OFF level
again after completing the deactivation sequence. This
distinguishes between a hardware problem or a card
extraction (OFF goes HIGH again if a card is present).
Depending on the type of card-present switch within the
connector (normally-closed or normally-open) and on the
mechanical characteristics of the switch, bouncing may
occur on the PRES signals at card insertion or withdrawal.
There is a debounce feature in the device with an 8 ms
typical duration (see Fig.10). When a card is inserted,
output OFF goes HIGH only at the end of the debounce
time.
When the card is extracted, an automatic deactivation
sequence of the card is performed on the first true/false
transition on PRES or PRES and output OFF goes LOW.
handbook, full pagewidth
MDB059
OFF
CMDVCC
PRES
VCC
debounce
deactivation caused by
cards withdrawal
deactivation caused by
short-circuit
debounce
Fig.10 Behaviour of OFF, CMDVCC, PRES and VCC.
See
“Application note AN10141” for software decision algorithm on OFF signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com