Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8260 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8260
Description  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8260 Datasheet HTML 4Page - NXP Semiconductors TDA8260 Datasheet HTML 5Page - NXP Semiconductors TDA8260 Datasheet HTML 6Page - NXP Semiconductors TDA8260 Datasheet HTML 7Page - NXP Semiconductors TDA8260 Datasheet HTML 8Page - NXP Semiconductors TDA8260 Datasheet HTML 9Page - NXP Semiconductors TDA8260 Datasheet HTML 10Page - NXP Semiconductors TDA8260 Datasheet HTML 11Page - NXP Semiconductors TDA8260 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2004 Sep 03
8
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
PROGRAMMABLE ADDRESSES
The programmable address bits MA1 and MA0 offer the
possibility of having up to four TDA8260TW devices in the
same system. The relationship between the voltage
applied to pin AS and the value of bits MA1 and MA0 is
given in Table 3.
Table 3
I2C-bus address selection
PROGRAMMABLE MAIN DIVIDER RATIO
Program bytes PD1 and PD2 contain the fifteen bits
N14 to N0 that set the main divider ratio. The ratio
N = N14
× 214 + N13 × 213 +...+ N1 × 2 + N0.
OPERATING AND TEST MODES
The mode of operation is set using bits T2, T1 and T0 in
control byte CD1; see Table 4.
Table 4
Mode selection
Note
1. Status at power-on: the tuning voltage output is
released and pin VT is in the high-impedance state.
REFERENCE DIVIDER
Five reference divider ratios allow the adjustment of the
comparison frequency to different values depending on
the compromise that has to be found between step size
and phase noise. The reference divider ratios and the
corresponding comparison frequencies are programmed
using bits R2, R1 and R0; see Table 5.
Table 5
Reference divider ratio
CHARGE PUMP CURRENT
Four values of charge pump current can be chosen using
bits C1 and C0; see Table 6.
Table 6
Charge pump current
VAS
MA1
MA0
0 to 0.1VCC
00
open-circuit
0
1
0.4VCC to 0.6VCC
10
0.9VCC to VCC
11
T2
T1
T0
MODE
XTOUT
0
0
0
normal operation
OFF
0
0
1
POR state = CP sink(1)
fXTAL
010
1/2 × fDIV
1/2 × fDIV
0
1
1
CP sink
fXTAL
1
0
0
normal operation
fXTAL
101
2
× fref
2
× fref
1
1
0
CP OFF
fXTAL
1
1
1
CP source
fXTAL
R2
R1
R0
DIVIDER RATIO
COMPARISON
FREQUENCY
000
2
2 MHz
001
4
1 MHz
0
1
0
8
500 kHz
0
1
1
not allowed
1
0
0
not allowed
1
0
1
16
250 kHz
1
1
0
not allowed
1
1
1
32
125 kHz
C1
C0
TYPICAL CHARGE PUMP
CURRENT ABSOLUTE VALUES
(
µA)
0
0
420
0
1
900
1
0
1360
1
1
2320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com