Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8260 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8260
Description  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8260 Datasheet HTML 9Page - NXP Semiconductors TDA8260 Datasheet HTML 10Page - NXP Semiconductors TDA8260 Datasheet HTML 11Page - NXP Semiconductors TDA8260 Datasheet HTML 12Page - NXP Semiconductors TDA8260 Datasheet HTML 13Page - NXP Semiconductors TDA8260 Datasheet HTML 14Page - NXP Semiconductors TDA8260 Datasheet HTML 15Page - NXP Semiconductors TDA8260 Datasheet HTML 16Page - NXP Semiconductors TDA8260 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
2004 Sep 03
13
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
handbook, halfpage
f (MHz)
G
(dB)
950
1350
1750
2150
1150
1550
1950
68
64
56
52
60
MGU797
Fig.3
Overall maximum gain as a function of
frequency.
handbook, halfpage
VAGC (V)
G
(dB)
0123
80
60
20
0
40
MGU799
Fig.4 Overall gain as a function of AGC voltage.
handbook, halfpage
F
(dB)
MGU798
f (MHz)
950
1350
1750
2150
1150
1550
1950
20
16
18
14
12
10
Fig.5
Noise figure at maximum gain as a function
of frequency.
handbook, halfpage
ϕ
n
(dBc/Hz)
−70
−80
−100
−90
MGU796
f (MHz)
950
1350
1750
2150
1150
(1)
(2)
1550
1950
−110
Fig.6
Phase noise on I and Q baseband outputs
as a function of frequency.
(1) foffset = 10 kHz; fCOMP = 1 MHz.
(2) foffset = 100 kHz; fCOMP = 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com