Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8260 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8260
Description  Satellite Zero-IF QPSK/8PSK downconverter with PLL synthesizer
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8260 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8260 Datasheet HTML 14Page - NXP Semiconductors TDA8260 Datasheet HTML 15Page - NXP Semiconductors TDA8260 Datasheet HTML 16Page - NXP Semiconductors TDA8260 Datasheet HTML 17Page - NXP Semiconductors TDA8260 Datasheet HTML 18Page - NXP Semiconductors TDA8260 Datasheet HTML 19Page - NXP Semiconductors TDA8260 Datasheet HTML 20Page - NXP Semiconductors TDA8260 Datasheet HTML 21Page - NXP Semiconductors TDA8260 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
2004 Sep 03
18
Philips Semiconductors
Product specification
Satellite Zero-IF QPSK/8PSK
downconverter with PLL synthesizer
TDA8260TW
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(2)
D(1)
eHE
LLp
Z
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
8
0
o
o
0.1
DIMENSIONS (mm are the original dimensions).
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
SOT633-3
04-01-22
w M
θ
A
A1
A2
Eh
Dh
D
Lp
detail X
E
Z
exposed die pad side
e
c
L
X
(A3)
0.25
1
19
38
20
y
bp
HE
1.05
0.80
0.30
0.19
Dh
3.65
3.45
Eh
2.85
2.65
0.20
0.09
12.6
12.4
6.2
6.0
8.3
7.9
0.65
1
0.2
0.6
0.2
0.1
0.75
0.45
v M A
A
HTSSOP38: plastic thermal enhanced thin shrink small outline package; 38 leads;
body width 6.1 mm; lead pitch 0.65 mm; exposed die pad
SOT633-3
A
max.
1.2
0
2.5
5 mm
scale
- - -
- - -
- - -
pin 1 index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com