Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCD2003B Datasheet(PDF) 5 Page - Texas Instruments

Part # UCD2003B
Description  High-Voltage, High-Current Darlington Transistor Array
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD2003B Datasheet(HTML) 5 Page - Texas Instruments

  UCD2003B Datasheet HTML 1Page - Texas Instruments UCD2003B Datasheet HTML 2Page - Texas Instruments UCD2003B Datasheet HTML 3Page - Texas Instruments UCD2003B Datasheet HTML 4Page - Texas Instruments UCD2003B Datasheet HTML 5Page - Texas Instruments UCD2003B Datasheet HTML 6Page - Texas Instruments UCD2003B Datasheet HTML 7Page - Texas Instruments UCD2003B Datasheet HTML 8Page - Texas Instruments UCD2003B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
ULN2003B
www.ti.com
SLRS064B – JUNE 2014 – REVISED AUGUST 2016
Product Folder Links: ULN2003B
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics, TA = 25°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(on)
On-state input voltage
Figure 19
VCE = 2 V
IC = 200 mA
2.4
V
IC = 250 mA
2.7
IC = 300 mA
3
VCE(sat)
Collector-emitter saturation
voltage
Figure 18
II = 250 μA,
IC = 100 mA
0.9
1.1
V
II = 350 μA,
IC = 200 mA
1
1.3
II = 500 μA,
IC = 350 mA
1.2
1.6
ICEX
Collector cutoff current
Figure 15
VCE = 50 V,
II = 0
10
μA
VF
Clamp forward voltage
Figure 21
IF = 350 mA
1.7
2
V
II(off)
Off-state input current
Figure 16
VCE = 50 V,
IC = 500 μA
50
65
μA
II
Input current
Figure 17
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
Figure 20
VR = 50 V
50
μA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
6.6 Electrical Characteristics, TA = –40°C to +105°C
PARAMETER
TEST FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI(on)
On-state input voltage
Figure 19
VCE = 2 V
IC = 200 mA
2.7
V
IC = 250 mA
2.9
IC = 300 mA
3
VCE(sat)
Collector-emitter saturation voltage
Figure 18
II = 250 μA,
IC = 100 mA
0.9
1.2
V
II = 350 μA,
IC = 200 mA
1
1.4
II = 500 μA,
IC = 350 mA
1.2
1.7
ICEX
Collector cutoff current
Figure 15
VCE = 50 V,
II = 0
20
μA
VF
Clamp forward voltage
Figure 21
IF = 350 mA
1.7
2.2
V
II(off)
Off-state input current
Figure 16
VCE = 50 V,
IC = 500 μA
30
65
μA
II
Input current
Figure 17
VI = 3.85 V
0.93
1.35
mA
IR
Clamp reverse current
Figure 20
VR = 50 V
100
μA
Ci
Input capacitance
VI = 0,
f = 1 MHz
15
25
pF
6.7 Switching Characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
0.25
1
μs
tPHL
Propagation delay time, high- to low-level output
0.25
1
μs
VOH
High-level output voltage after switching
VS = 50 V,
IO ≈ 300 mA
VS – 20
mV
6.8 Switching Characteristics, TA = –40°C to +105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
1
10
μs
tPHL
Propagation delay time, high- to low-level output
1
10
μs
VOH
High-level output voltage after switching
VS = 50 V,
IO ≈ 300 mA
VS – 50
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com